Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8510 Datasheet (PDF) - Allegro MicroSystems

A8510 Datasheet PDF - Allegro MicroSystems
Part # A8510
Download  A8510 Download
File Size   1129.42 Kbytes
Page   33 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Wide Input Voltage Range, High Efficiency

A8510 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8510 Datasheet PDF - Allegro MicroSystems

Part # A8510
Download  A8510 Click to download

File Size   1129.42 Kbytes
Page   33 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Wide Input Voltage Range, High Efficiency

A8510 Datasheet (HTML) - Allegro MicroSystems


A8510 Product details

Description
The A8510 is a multi-output white LED driver for LCD backlighting. It integrates a current-mode boost converter with internal power switch and 8 current sinks. The boost converter can drive up to 96 LEDs with 12 LEDs at 40 mA per string. The LED sinks can also be paralleled together to achieve even higher LED currents, up to 320 mA. The A8510 can operate from a single power supply, from 5 to 40 V.

Features and Benefits
• Integrated 2 MHz capable boost converter with 60 V DMOS switch with OVP protection
• Sync function to synchronize boost converter switching frequencies up to 2.3 MHz
• LED current up to 40 mA per LED channel into 8 channels
• Drives up to 12 series LEDs in 8 parallel strings (Vf = 3.5 V, If = 40 mA), VIN = 8 V, switching frequency of 1 MHz
• Single EN/PWM pin interface for PWM dimming and enable functions
• APWM pin for fine-tuning color adjustment and/or maximizing contrast ratio
• Integrated driver for optional external PMOS input disconnect switch
• Typical LED accuracy of 0.7% and 0.8% for LED-to-LED matching
• Internal bias supply for single-supply operation from 5 to 40 V
• Extensive protection features

Applications
• Industrial LCD displays
• Backlighting LCD displays
• Infotainment displays




Similar Part No. - A8510

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
A8512ELBTR-T ALLEGRO-A8512ELBTR-T Datasheet
491Kb / 16P
LED Backlight Driver for Medium/Large Displays
More results


Similar Description - A8510

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8513 ALLEGRO-A8513 Datasheet
937Kb / 24P
Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
Allegro MicroSystems
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
Wide Input Voltage Range, High Efficiency
A8508 ALLEGRO-A8508 Datasheet
1Mb / 28P
Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
Wide Input Voltage Range, High Efficiency
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com