Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8508 Datasheet (PDF) - Allegro MicroSystems

A8508 Datasheet PDF - Allegro MicroSystems
Part # A8508
Download  A8508 Download
File Size   1166.87 Kbytes
Page   28 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Wide Input Voltage Range, High Efficiency

A8508 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8508 Datasheet PDF - Allegro MicroSystems

Part # A8508
Download  A8508 Click to download

File Size   1166.87 Kbytes
Page   28 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Wide Input Voltage Range, High Efficiency

A8508 Datasheet (HTML) - Allegro MicroSystems


A8508 Product details

Description
The A8508 is a multi-output white LED driver for backlighting LCD panels. It integrates a current-mode boost controller and eight individual current sinks.
The boost controller architecture allows for significant scaling of boost voltage to optimize the solution for the required number of LEDs per string. The FSET/SYNC pin either sets the required boost switching frequency or synchronizes the value in the range of 300 to 800 kHz.
The LED sink current value is set by an external ISET resistor (see figure 1). The eight LED sinks can also be combined to achieve even higher current per LED string.

Features and Benefits
• Eight integrated high current sinks for LED strings; can be
   tied together for even higher currents
• Fixed frequency current mode control with integrated gate
   driver / boost controller; powerful gate driver to drive an
   external N-channel MOSFET allows significant scaling
   capability on the number of LEDs per string
• Parallel operation capability with one boost controller
   (master) and up to three additional slave controllers; can
   run up to 32 strings of LEDs while populating only a
   single master boost regulator
• Active current sharing between LED strings for 0.7%
   accuracy and 0.8% matching
• Wide input voltage range: 9 to 40 V
• Internal bias supply for single-supply operation (typically
   VIN = 12 or 24 V)
• Fset / Sync function to either set the boost converter
   switching frequency or synchronize at up to 800 kHz
• Protection Features
   ▫ Open or shorted LED pin protection
   ▫ Open Schottky protection
   ▫ Pulse-by-pulse current limit
   ▫ Overtemperature protection (OTP)




Similar Part No. - A8508

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8500 ALLEGRO-A8500 Datasheet
1Mb / 16P
Flexible WLED/RGB Backlight Driver for Medium Size LCDs
A8500EECTR-T ALLEGRO-A8500EECTR-T Datasheet
1Mb / 16P
Flexible WLED/RGB Backlight Driver for Medium Size LCDs
A8501 ALLEGRO-A8501 Datasheet
559Kb / 24P
2 MHz, 4 Channel100 mA WLED/RGB Driver
logo
AiT Semiconductor Inc.
A8501 AITSEMI-A8501 Datasheet
368Kb / 8P
OLED DRIVER PWM CONTROL STEP-UP DC-DC CONVERTER
REV2.5
A8501E5R AITSEMI-A8501E5R Datasheet
368Kb / 8P
OLED DRIVER PWM CONTROL STEP-UP DC-DC CONVERTER
REV2.5
More results


Similar Description - A8508

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8513 ALLEGRO-A8513 Datasheet
937Kb / 24P
Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
Allegro MicroSystems
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
Wide Input Voltage Range, High Efficiency
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
Wide Input Voltage Range, High Efficiency
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com