Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA801 Datasheet (PDF) - STMicroelectronics

FDA801 Datasheet PDF - STMicroelectronics
Part # FDA801
Download  FDA801 Download
File Size   250.26 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EMI control for AM compatibility

FDA801 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA801 Datasheet PDF - STMicroelectronics

Part # FDA801
Download  FDA801 Click to download

File Size   250.26 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description EMI control for AM compatibility

FDA801 Datasheet (HTML) - STMicroelectronics


FDA801 Product details

Description
FDA801 is a new BCD technology quad BRIDGE class D amplifier, specially intended for automotive applications. Thanks to the technology used, it is possible to integrate a high performance D/A converter together with powerful MOSFET outputs in class D, to get an outstanding efficiency compared with the standard class AB. The integrated D/A converter allows to reach outstanding performances (110 dB S/N ratio with 108 dB of dynamic range). The feedback loop includes the output L-C low-pass filter, allowing superior frequency response linearity and lower distortion independently from the inductor and capacitor quality. FDA801 is fully configurable through I2C bus interface and integrates a full diagnostics array specially intended for automotive applications. Thanks to the solutions implemented to contain EMI emissions, the device is intended to be used in the standard single DIN car-radio box together with the tuner. Moreover FDA801 is able to work with power supply as low as 6 V, thus supporting the most recent low voltage ('start-stop') car-makers specification. *$*36하이라이프 퍼펙트VVIP보험(Hi1106) LQFP64 (exposed pad up)




Similar Part No. - FDA801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA801B-VYT STMICROELECTRONICS-FDA801B-VYT Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
FDA801B-VYY STMICROELECTRONICS-FDA801B-VYY Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
More results


Similar Description - FDA801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
Freescale Semiconductor...
AN3728 FREESCALE-AN3728 Datasheet
94Kb / 4P
Media Compatibility for IPS PRT Pressure Sensors
logo
Fairchild Semiconductor
AN-5023 FAIRCHILD-AN-5023 Datasheet
202Kb / 3P
LVDS Compatibility
logo
ATMEL Corporation
M67025E ATMEL-M67025E_14 Datasheet
694Kb / 27P
Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
Electromagnetic compatibility
1000-4-6
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
Migration and compatibility guidelines for STM8S microcontroller applications
06-Mar-2009
logo
Fairchild Semiconductor
4145 FAIRCHILD-4145 Datasheet
518Kb / 8P
Electromagnetic Compatibility for Power Converters
logo
Keysight Technologies
W9062A KEYSIGHT-W9062A Datasheet
2Mb / 5P
Language Compatibility
logo
Amphenol Corporation
NPR-101 AMPHENOL-NPR-101 Datasheet
155Kb / 2P
Harsh media compatibility
logo
C&K Components
MIL-S-83731 CK-COMPONENTS-MIL-S-83731 Datasheet
367Kb / 5P
Epoxy sealed terminals for process compatibility
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com