Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA801B Datasheet (PDF) - STMicroelectronics

FDA801B Datasheet PDF - STMicroelectronics
Part # FDA801B
Download  FDA801B Download
File Size   249.0 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation

FDA801B Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA801B Datasheet PDF - STMicroelectronics

Part # FDA801B
Download  FDA801B Click to download

File Size   249.0 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation

FDA801B Datasheet (HTML) - STMicroelectronics


FDA801B Product details

Features
 Integrated 110 dB D/A conversion
 I2S and TDM digital input (3.3/1.8 V)
 Input sampling frequency: 44.1 kHz, 48 kHz,
96 kHz, 192 kHz
 Class-D channels with 93% efficiency
 EMI control for AM compatibility
 EMI compliance evaluated following normative
IEC61967-4 and IEC62132-4
 Low radiation function (LRF)
 Idle tones free DAC
 Output lowpass filter included in the feedback
allowing lower cost filter components
 Max. output power
– 4 x 50 W/4 Ω @ 15.2 V, 1 kHz
 High output power capability
– 28 W/4 Ω 10 % THD, Vd = 14.4 V
 Full I2C bus driving (3.3/1.8 V):
– Channels independent tristate
– Channel independent soft play/mute
– I2C bus diagnostics , including DC and AC
load detection and load value recognition
(DIM)
 Integrated fault protection
 Input and output offset detector
 Clipping detector
 ESD protection
 6 V operation (“Start - Stop” engines
compatibility)
 2 and 1 Ω load driving capability

Description
FDA801B is a new BCD technology quad
BRIDGE class D amplifier, specially intended for
automotive applications.
Thanks to the technology used, it is possible to
integrate a high performance D/A converter
together with powerful MOSFET outputs in
class D, to get an outstanding efficiency
compared with the standard class AB.
The integrated D/A converter allows to reach
outstanding performances (110 dB S/N ratio with
108 dB of dynamic range). The feedback loop
includes the output L-C low-pass filter, allowing
superior frequency response linearity and lower
distortion independently from the inductor and
capacitor quality.
FDA801B is fully configurable through I2C bus
interface and integrates a full diagnostics array
specially intended for automotive applications.
Thanks to the solutions implemented to contain
EMI emissions, the device is intended to be used
in the standard single DIN car-radio box together
with the tuner.
Moreover FDA801B is able to work with power
supply as low as 6 V, thus supporting the most
recent low voltage ('start-stop') car-makers
specification.




Similar Part No. - FDA801B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA801 STMICROELECTRONICS-FDA801 Datasheet
250Kb / 11P
EMI control for AM compatibility
13-Nov-2015
FDA801-VYT STMICROELECTRONICS-FDA801-VYT Datasheet
250Kb / 11P
EMI control for AM compatibility
13-Nov-2015
FDA801-VYY STMICROELECTRONICS-FDA801-VYY Datasheet
250Kb / 11P
EMI control for AM compatibility
13-Nov-2015
More results


Similar Description - FDA801B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FDA802 STMICROELECTRONICS-FDA802 Datasheet
300Kb / 12P
2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
22-Aug-2017
FDA802S STMICROELECTRONICS-FDA802S Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA802SB STMICROELECTRONICS-FDA802SB Datasheet
276Kb / 15P
2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
30-Aug-2021
FDA803D STMICROELECTRONICS-FDA803D Datasheet
1Mb / 78P
1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
03-May-2018
FDA901 STMICROELECTRONICS-FDA901 Datasheet
308Kb / 17P
4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
01-Mar-2019
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com