Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA801B Datasheet(PDF) 4 Page - STMicroelectronics

Part # FDA801B
Description  4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA801B Datasheet(HTML) 4 Page - STMicroelectronics

  FDA801B Datasheet HTML 1Page - STMicroelectronics FDA801B Datasheet HTML 2Page - STMicroelectronics FDA801B Datasheet HTML 3Page - STMicroelectronics FDA801B Datasheet HTML 4Page - STMicroelectronics FDA801B Datasheet HTML 5Page - STMicroelectronics FDA801B Datasheet HTML 6Page - STMicroelectronics FDA801B Datasheet HTML 7Page - STMicroelectronics FDA801B Datasheet HTML 8Page - STMicroelectronics FDA801B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Block diagram and pins description
FDA801B
4/11
DocID028632 Rev 1
Figure 2. Tentative pins connection diagram (top view)
Table 2. Pins list description
N#
Pin
Function
1
FB2+
Channel 2, half bridge plus, Feedback
2
OUT2+
Channel 2, half bridge plus, Output
3
OUT2+
Channel 2, half bridge plus, Output
4
VCC2+
Channel 2, half bridge plus, Power Supply
5
VCC2-
Channel 2, half bridge minus, Power Supply
6
OUT2-
Channel 2, half bridge minus, Output
7
OUT2-
Channel 2, half bridge minus, Output
8
FB2-
Channel 2, half bridge minus, Feedback
9
GND2-
Channel 2, half bridge minus, Power Ground
10
GND1-
Channel 1, half bridge minus, Power Ground
11
FB1-
Channel 1, half bridge minus, Feedback
12
OUT1-
Channel 1, half bridge minus, Output
13
OUT1-
Channel 1, half bridge minus, Output
14
VCC1-
Channel 1, half bridge minus, Power Supply
15
VCC1+
Channel 1, half bridge plus, Power Supply
16
OUT1+
Channel 1, half bridge plus, Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com