Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA801B Datasheet(PDF) 6 Page - STMicroelectronics

Part # FDA801B
Description  4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA801B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FDA801B Datasheet HTML 2Page - STMicroelectronics FDA801B Datasheet HTML 3Page - STMicroelectronics FDA801B Datasheet HTML 4Page - STMicroelectronics FDA801B Datasheet HTML 5Page - STMicroelectronics FDA801B Datasheet HTML 6Page - STMicroelectronics FDA801B Datasheet HTML 7Page - STMicroelectronics FDA801B Datasheet HTML 8Page - STMicroelectronics FDA801B Datasheet HTML 9Page - STMicroelectronics FDA801B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Block diagram and pins description
FDA801B
6/11
DocID028632 Rev 1
51
CD/Diag
Clipping detector and diagnostic output pin:
– Overcurrent protection intervention
– Thermal warning
– Offset detection
52
I2Cclk
I2C Clock
53
I2Cdata
I2C Data
54
I2Sdata2
I2S/TDM Data input 2
55
I2Sdata1
I2S/TDM Data input 1
56
I2Sclk
I2S/TDM Clock input
57
I2Sws
I2S/TDM Sinc input
58
Agnd
Analog ground
59
AVdd
Analog supply
60
AGSVR
Negative Analog Supply V(SVR)-2.5V (Internally generated)
61
A5VSVR
Positive Analog Supply V(SVR)+2.5V (Internally generated)
62
SVR
Supply Voltage Ripple Rejection Capacitor
63
HWMute
Hardware mute pin
64
GND2+
Channel 2, half bridge plus, Power Ground
Table 2. Pins list description (continued)
N#
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com