Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-3HSM6 Datasheet (PDF) - STMicroelectronics

ECMF02-3HSM6 Datasheet PDF - STMicroelectronics
Part # ECMF02-3HSM6
Download  ECMF02-3HSM6 Download
File Size   667.68 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Provides -20 dB attenuation at 700 MHz in LTE bands

ECMF02-3HSM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECMF02-3HSM6 Datasheet PDF - STMicroelectronics

Part # ECMF02-3HSM6
Download  ECMF02-3HSM6 Click to download

File Size   667.68 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Provides -20 dB attenuation at 700 MHz in LTE bands

ECMF02-3HSM6 Datasheet (HTML) - STMicroelectronics


ECMF02-3HSM6 Product details

Description
This device is a highly integrated common mode filter designed to suppress EMI/RFI common mode noise on high speed differential serial buses and complies with the MHL standard. The device can protect and filter a single differential lane. µQFN-6L 1.6 x 1.35 mm 1 2 3 6 5 4 D1+ D1ID D1+ D1GND

Features
■ Provides -20 dB attenuation at 700 MHz in LTE bands
■ High common mode attenuation: – -25 dB at 800 MHz – -10 dB at 2 GHz
■ Very low PCB space consumption
■ Thin package: 0.55 mm max.
■ Lead-free package
■ High reduction of parasitic elements through integration. Complies with the following standards:
■ IEC 61000-4-2 level 4: – ±15 kV (air discharge) – ±8 kV (contact discharge)

Applications
■ Mobile phones
■ Notebooks, laptops
■ Portable devices
■ Wearable devices




Similar Part No. - ECMF02-3HSM6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
Common mode filter with ESD protection
19-Dec-2013
More results


Similar Description - ECMF02-3HSM6

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77707 SKYWORKS-SKY77707 Datasheet
76Kb / 2P
Power Amplifier Module for LTE / EUTRAN Bands XII / XVII (698-716 MHz)
SKY77708 SKYWORKS-SKY77708 Datasheet
76Kb / 2P
Power Amplifier Module for LTE / EUTRAN Bands XIII / XIV (777-798 MHz)
logo
Vishay Siliconix
DG2723 VISHAY-DG2723 Datasheet
161Kb / 9P
700 MHz, - 3 dB Bandwidth; Dual SPDT Analog Switch
30-Jun-08
logo
Texas Instruments
LMH1251MT-NOPB TI-LMH1251MT-NOPB Datasheet
755Kb / 19P
YPBPR Path: 70 MHz, ?? dB, 700 mVPP Bandwidth
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
Micross Components
HMC346 MICROSS-HMC346 Datasheet
927Kb / 9P
32 dB Attenuation Range
logo
Vishay Siliconix
DG3257 VISHAY-DG3257 Datasheet
175Kb / 9P
700 MHz, -3 dB Bandwidth; Single SPDT Analog Switch
20-Mar-17
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2008A13T WALSIN-RFBPF2008A13T Datasheet
197Kb / 3P
High attenuation on GPS Bands
RFLPF16082G6W0T WALSIN-RFLPF16082G6W0T Datasheet
521Kb / 7P
2.6 GHz WiMAX / LTE Bands Working Frequency
logo
Qorvo, Inc
QPB8896 QORVO-QPB8896 Datasheet
2Mb / 19P
25 dB Balanced Return Path Amplifier (5 - 700 MHz)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com