Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALC12-1T2 Datasheet (PDF) - STMicroelectronics

ESDALC12-1T2 Datasheet PDF - STMicroelectronics
Part # ESDALC12-1T2
Download  ESDALC12-1T2 Download
File Size   211.65 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single line transient surge voltage suppressor (TVS) for data and power line

ESDALC12-1T2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALC12-1T2 Datasheet PDF - STMicroelectronics

Part # ESDALC12-1T2
Download  ESDALC12-1T2 Click to download

File Size   211.65 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single line transient surge voltage suppressor (TVS) for data and power line

ESDALC12-1T2 Datasheet (HTML) - STMicroelectronics


ESDALC12-1T2 Product details

Description
The ESDALC12-1T2 is a unidirectional single line Transil™ diode designed specially for protection of integrated circuits in portable equipment and miniaturized electronic devices subjected to ESD and EOS transient over voltages. Packed in SOD882T, it minimizes PCB occupation. TM: Transil is a trademark of STMicroelectronics SOD882T GND 3 GND I/O1 GND

Features
■ Stand-off voltage 10 V
■ Unidirectional device
■ Low clamping factor VCL/VBR
■ Breakdown voltage VBR = 12 V min.
■ Fast response time
■ Very thin package: 0.4 mm
■ Low leakage current
■ RoHS compliant Benefits
■ High ESD robustness of the application
■ Suitable for high density boards Complies with the following standards:
■ IEC 61000-4-2 level 4: – 15 kV (air discharge) – 8 kV (contact discharge)
■ MIL STD 883G - Method 3015-7: class 3B




Similar Part No. - ESDALC12-1T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
More results


Similar Description - ESDALC12-1T2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
DLTS-5 MICROSEMI-DLTS-5 Datasheet
76Kb / 2P
DATA LINE TRANSIENT SUPPRESSOR
DLTS-5 MICROSEMI-DLTS-5_09 Datasheet
95Kb / 3P
DATA LINE TRANSIENT SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
transient voltage surge suppressor (TVS)
26-Apr-2012
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
ESDAVLC8-1BU2 STMICROELECTRONICS-ESDAVLC8-1BU2 Datasheet
228Kb / 11P
Single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for bidirectional ESD protection
15-May-2012
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
Automotive single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
ESDAXLC6-1BT2Y STMICROELECTRONICS-ESDAXLC6-1BT2Y Datasheet
392Kb / 12P
Automotive single-line extra low capacitance Transil, transient surge voltage suppressor (TVS) for ESD protection
03-Nov-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com