Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWI10-E Datasheet (PDF) - CUI INC

SWI10-E Datasheet PDF - CUI INC
Part # SWI10-E
Download  SWI10-E Download
File Size   580.41 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description universal input voltage range

SWI10-E Datasheet (PDF)

Go To PDF Page Download Datasheet
SWI10-E Datasheet PDF - CUI INC

Part # SWI10-E
Download  SWI10-E Click to download

File Size   580.41 Kbytes
Page   5 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description universal input voltage range

SWI10-E Datasheet (HTML) - CUI INC




Similar Part No. - SWI10-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
SWI10-E CUI-SWI10-E Datasheet
459Kb / 5P
AC-DC POWER SUPPLY
12/09/2020
SWI10-E-USB CUI-SWI10-E-USB Datasheet
587Kb / 4P
AC-DC POWER SUPPLY
SWI10-E CUI-SWI10-E_V01 Datasheet
459Kb / 5P
AC-DC POWER SUPPLY
12/09/2020
More results


Similar Description - SWI10-E

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRM-24V120W1PN DELTA-DRM-24V120W1PN Datasheet
1Mb / 20P
Universal AC input voltage range
DRM-24V240W1PN DELTA-DRM-24V240W1PN Datasheet
951Kb / 20P
Universal AC input voltage range
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
Universal AC input voltage range
logo
Bel Fuse Inc.
ABC400 BEL-ABC400_V01 Datasheet
920Kb / 12P
Universal AC Input Voltage Range: 90-264 VAC
ABC401 BEL-ABC401 Datasheet
1Mb / 14P
Universal input voltage range (90 ??264 VAC)
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
ABC1200 BEL-ABC1200 Datasheet
1Mb / 14P
Universal input voltage range (85 ??305 VAC)
ABS400 BEL-ABS400 Datasheet
725Kb / 9P
Universal input voltage range (90 ??264 VAC)
ACC750 BEL-ACC750 Datasheet
1Mb / 12P
Universal input voltage range (85 ??305 VAC)
logo
ETA-USA
AOJS500 ETA-USA-AOJS500 Datasheet
3Mb / 8P
500W AC/DC Wide Input voltage range Universal
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com