Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP12 Datasheet (PDF) - STMicroelectronics

LCP12 Datasheet PDF - STMicroelectronics
Part # LCP12
Download  LCP12 Download
File Size   215.34 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Protection IC for ringing SLICs

LCP12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCP12 Datasheet PDF - STMicroelectronics

Part # LCP12
Download  LCP12 Click to download

File Size   215.34 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Protection IC for ringing SLICs

LCP12 Datasheet (HTML) - STMicroelectronics


LCP12 Product details

Description
The LCP12 has been developed to protect SLICs operating on both negative and positive battery supplies, as well as high voltage SLICs. It provides crowbar mode protection for both TIP and RING lines. The surge suppression is assumed for each wire by two thyristor structures, one dedicated to positive surges the second one for negative surges. Both positive and negative threshold levels are programmable by two gates. LCP12 can be used to help equipment to meet various standards such as UL1950, IEC 60950 / CSAC22.2, UL1459 and TIA-968-A. LCP12 pinout and clearance is compatible with UL60950. Resin meets UL94 V0. LCP12 is UL497B approved - file: E136224. The LCP12 associated with Epcos PTC model B59173C1130A151 is compliant with ITU TK20/K21 (4 kV lightning and AC power fault tests).

Features
■ Protection IC recommended for ringing SLICs
■ Wide firing voltage range: -120 V to +120 V
■ Low gate triggering current: IG = 5 mA max
■ Peak pulse current: IPP = 50 A (10/1000 µs)
■ Holding current: IH = 150 mA min.

Applications
■ Dual battery supply voltage SLICs
■ Central office (CO)
■ Private branch exchange (PBX)
■ Digital loop carrier (DLC)
■ Digital subscriber line access multiplexer (DSLAM)
■ Fiber in the loop (FITL)
■ Wireless local loop (WLL)
■ Hybrid fiber coax (HFC)
■ ISDN terminal adapter
■ Cable modem TM: Trisil is a trademark of STMicroelectronics




Similar Part No. - LCP12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP12-150 STMICROELECTRONICS-LCP12-150 Datasheet
215Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
More results


Similar Description - LCP12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP02-150B1 STMICROELECTRONICS-LCP02-150B1 Datasheet
72Kb / 8P
PROTECTION IC FOR RINGING SLICS
Sep-2000
LCP02-150M STMICROELECTRONICS-LCP02-150M Datasheet
122Kb / 10P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR RINGING SLICS
31-Oct-2006
LCP12-150 STMICROELECTRONICS-LCP12-150 Datasheet
215Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
AN2456 STMICROELECTRONICS-AN2456 Datasheet
617Kb / 15P
Protection of single battery voltage SLICs for new networks in US market
03-Nov-2006
logo
Seiko Instruments Inc
S-8235AAA-TCT1U SII-S-8235AAA-TCT1U Datasheet
1Mb / 24P
FOR AUTOMOTIVE BATTERY PROTECTION IC
logo
STMicroelectronics
LCP22 STMICROELECTRONICS-LCP22 Datasheet
272Kb / 10P
Protection IC for ringing SLICs
22-Oct-2014
logo
Neotec Semiconductor Lt...
NT1732A NEOTEC-NT1732A Datasheet
393Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V2.11
NT1732B NEOTEC-NT1732B Datasheet
395Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.02
NT1793 NEOTEC-NT1793 Datasheet
251Kb / 4P
Battery Protection IC for Multi-Cell (Secondary Protection)
V1.93
logo
STMicroelectronics
LCP02 STMICROELECTRONICS-LCP02 Datasheet
211Kb / 10P
Protection IC for ringing SLICs
20-Mar-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com