Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCP12
Description  Protection IC for ringing SLICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP12 Datasheet(HTML) 4 Page - STMicroelectronics

  LCP12 Datasheet HTML 1Page - STMicroelectronics LCP12 Datasheet HTML 2Page - STMicroelectronics LCP12 Datasheet HTML 3Page - STMicroelectronics LCP12 Datasheet HTML 4Page - STMicroelectronics LCP12 Datasheet HTML 5Page - STMicroelectronics LCP12 Datasheet HTML 6Page - STMicroelectronics LCP12 Datasheet HTML 7Page - STMicroelectronics LCP12 Datasheet HTML 8Page - STMicroelectronics LCP12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
LCP12
4/10
DocID17500 Rev 4
Figure 4. Relative variation of holding current versus junction temperature
Figure 5. Maximum non repetitive surge peak on state current versus overload
duration
Figure 6. Capacitance versus reverse applied voltage (typical values) with VGn = -90 V
and VGp = +90 V
Table 7. Recommended gate capacitance
Symbol
Component
Min.
Typ.
Max.
Unit
Cn, Cp
Gate decoupling capacitance
100
220
nF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
120
IH[Tj]/ IH[Tj=25 °C]
T (°C)
0
2
4
6
8
10
12
14
16
18
20
0.01
0.1
1
10
100
1000
F = 50 Hz
T
j initial=25 °C
t(s)
ITSM (A)
20
40
60
80
100
0
10
20
30
40
50
60
70
Vline (V)
C (pF)
line +
line -



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com