Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T01 Datasheet (PDF) - STMicroelectronics

M41T01 Datasheet PDF - STMicroelectronics
Part # M41T01
Download  M41T01 Download
File Size   388.9 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automatic switchover and deselect circuitry

M41T01 Datasheet (PDF)

Go To PDF Page Download Datasheet
M41T01 Datasheet PDF - STMicroelectronics

Part # M41T01
Download  M41T01 Click to download

File Size   388.9 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automatic switchover and deselect circuitry

M41T01 Datasheet (HTML) - STMicroelectronics


M41T01 Product details

Description
The M41T01 is a low-power serial real-time clock (RTC). The built-in 32.768 kHz oscillator circuit works with an external crystal and does not need any load capacitors. The M41T01 clock has a built-in power sense circuit which detects power failures and automatically switches to the battery supply during power failures. Eight bytes of the RAM are used for the clock/calendar function and are configured in binary-coded decimal (BCD) format. Addresses and data are transferred serially via a two-line bidirectional bus. The built-in address register is incremented automatically after each WRITE or READ data byte. The energy needed to sustain the RAM and clock operations can be supplied from a small lithium coin cell. Typical data retention time is in excess of 5 years with a 50 mA/h 3 V lithium cell. The M41T01 is supplied in an 8-lead plastic small outline




Similar Part No. - M41T01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
SERIAL REAL-TIME CLOCK
23-Jul-2004
M41T0 STMICROELECTRONICS-M41T0 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
M41T0 STMICROELECTRONICS-M41T0 Datasheet
309Kb / 23P
Serial real-time clock
09-Jun-2011
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
Serial Access TIMEKEEPER
15-May-2000
M41T00 STMICROELECTRONICS-M41T00 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
More results


Similar Description - M41T01

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3770M TEMIC-U3770M Datasheet
61Kb / 5P
CT2 I/Q Modulator and Clock Circuitry
logo
ATMEL Corporation
U3770M ATMEL-U3770M Datasheet
56Kb / 6P
CT2 I/Q Modulator and Clock Circuitry
logo
Grayhill, Inc
HDW3 GRAYHILL-HDW3 Datasheet
871Kb / 6P
SPDT, DPDT, 3PDT, and 4DPT Circuitry
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
Battery Switchover and Trickle Charger
logo
STMicroelectronics
AN2149 STMICROELECTRONICS-AN2149 Datasheet
133Kb / 7P
INTEGRATED BUSHOLD CIRCUITRY
16-May-2005
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
Pop reduction circuitry
logo
Analog Devices
EVAL-ADUM4135EBZ AD-EVAL-ADUM4135EBZ Datasheet
470Kb / 6P
Desaturation protection circuitry
Rev. 0
logo
Vicor Corporation
150V VICOR-150V Datasheet
591Kb / 13P
Encapsulated circuitry for shock and vibration resistance
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
Automatic Calibration Circuitry
logo
Texas Instruments
LM66200 TI-LM66200 Datasheet
1Mb / 21P
LM66200 1.6 V to 5 V, 2.5-A Dual Ideal Diode With Automatic Switchover
SLVSG04 ??NOVEMBER 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com