Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T01
Description  Automatic switchover and deselect circuitry
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T01 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T01 Datasheet HTML 1Page - STMicroelectronics M41T01 Datasheet HTML 2Page - STMicroelectronics M41T01 Datasheet HTML 3Page - STMicroelectronics M41T01 Datasheet HTML 4Page - STMicroelectronics M41T01 Datasheet HTML 5Page - STMicroelectronics M41T01 Datasheet HTML 6Page - STMicroelectronics M41T01 Datasheet HTML 7Page - STMicroelectronics M41T01 Datasheet HTML 8Page - STMicroelectronics M41T01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
October 2013
DocID025389 Rev 2
1/24
M41T01
Low-power serial real-time clock (RTC)
with built-in battery switchover circuit
Datasheet
- production data
Features
 2.0 to 5.5 V clock operating voltage
 Counters for seconds, minutes, hours, day,
date, month, years, and century
 Software clock calibration
 Automatic switchover and deselect circuitry
 Ultra-low battery supply current of 800 nA
 Low operating current of 300 μA
 Battery and capacitor backup
 Battery backup not recommended for 3.0 V
applications (capacitor backup only)
 Operating temperature of –40 to 85 °C
 Automatic leap year compensation
Description
The M41T01 is a low-power serial real-time clock
(RTC). The built-in 32.768 kHz oscillator circuit
works with an external crystal and does not need
any load capacitors.
The M41T01 clock has a built-in power sense
circuit which detects power failures and
automatically switches to the battery supply
during power failures. Eight bytes of the RAM are
used for the clock/calendar function and are
configured in binary-coded decimal (BCD) format.
Addresses and data are transferred serially via a
two-line bidirectional bus. The built-in address
register is incremented automatically after each
WRITE or READ data byte. The energy needed to
sustain the RAM and clock operations can be
supplied from a small lithium coin cell.
Typical data retention time is in excess of 5 years
with a 50 mA/h 3 V lithium cell. The M41T01 is
supplied in an 8-lead plastic small outline
package.
8
1
SO8
www.st.com


Similar Part No. - M41T01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
SERIAL REAL-TIME CLOCK
23-Jul-2004
M41T0 STMICROELECTRONICS-M41T0 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
M41T0 STMICROELECTRONICS-M41T0 Datasheet
309Kb / 23P
Serial real-time clock
09-Jun-2011
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
Serial Access TIMEKEEPER
15-May-2000
M41T00 STMICROELECTRONICS-M41T00 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
More results

Similar Description - M41T01

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3770M TEMIC-U3770M Datasheet
61Kb / 5P
CT2 I/Q Modulator and Clock Circuitry
logo
ATMEL Corporation
U3770M ATMEL-U3770M Datasheet
56Kb / 6P
CT2 I/Q Modulator and Clock Circuitry
logo
Grayhill, Inc
HDW3 GRAYHILL-HDW3 Datasheet
871Kb / 6P
SPDT, DPDT, 3PDT, and 4DPT Circuitry
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
Battery Switchover and Trickle Charger
logo
STMicroelectronics
AN2149 STMICROELECTRONICS-AN2149 Datasheet
133Kb / 7P
INTEGRATED BUSHOLD CIRCUITRY
16-May-2005
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
Pop reduction circuitry
logo
Analog Devices
EVAL-ADUM4135EBZ AD-EVAL-ADUM4135EBZ Datasheet
470Kb / 6P
Desaturation protection circuitry
Rev. 0
logo
Vicor Corporation
150V VICOR-150V Datasheet
591Kb / 13P
Encapsulated circuitry for shock and vibration resistance
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
Automatic Calibration Circuitry
logo
Texas Instruments
LM66200 TI-LM66200 Datasheet
1Mb / 21P
LM66200 1.6 V to 5 V, 2.5-A Dual Ideal Diode With Automatic Switchover
SLVSG04 ??NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com