Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T01 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T01
Description  Automatic switchover and deselect circuitry
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T01 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T01 Datasheet HTML 16Page - STMicroelectronics M41T01 Datasheet HTML 17Page - STMicroelectronics M41T01 Datasheet HTML 18Page - STMicroelectronics M41T01 Datasheet HTML 19Page - STMicroelectronics M41T01 Datasheet HTML 20Page - STMicroelectronics M41T01 Datasheet HTML 21Page - STMicroelectronics M41T01 Datasheet HTML 22Page - STMicroelectronics M41T01 Datasheet HTML 23Page - STMicroelectronics M41T01 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
DC and AC parameters
M41T01
20/24
DocID025389 Rev 2
Figure 13. Power down/up mode AC waveforms
1. Valid for Ambient Operating Temperature: TA = –40 to 85 °C; VCC = 2.0 to 5.5 V (except where noted).
2. VCC fall time should not exceed 5 mV/μs.
1. Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 2.0 to 5.5 V (except where noted).
2. All voltages referenced to VSS.
3. In 3.3 V application, if initial battery voltage is
 3.4 V, it may be necessary to reduce battery voltage (i.e.,
through wave soldering the battery) in order to avoid inadvertent switchover/deselection for VCC – 10%
operation.
4. Switchover and deselect point.
Table 8. Power down/up AC characteristics
Symbol
Parameter(1)
Min
Max
Unit
tPD
SCL and SDA at VIH before power-down
0
ns
trec(2)
SCL and SDA at VIH after power-up
10
μs
Table 9. Power down/up trip points DC characteristics
Symbol
Parameter(1,2)
Min
Typ
Max(3)
Unit
Symbol
Parameter(1,2)
Min
Typ
Max(3)
Unit
VSO(4)
Battery backup switchover
voltage
VBAT –
0.80
VBAT –
0.50
VBAT –
0.30
V
AI00596
VCC
trec
tPD
VSO
SDA
SCL
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com