Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T01
Description  Automatic switchover and deselect circuitry
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T01 Datasheet HTML 12Page - STMicroelectronics M41T01 Datasheet HTML 13Page - STMicroelectronics M41T01 Datasheet HTML 14Page - STMicroelectronics M41T01 Datasheet HTML 15Page - STMicroelectronics M41T01 Datasheet HTML 16Page - STMicroelectronics M41T01 Datasheet HTML 17Page - STMicroelectronics M41T01 Datasheet HTML 18Page - STMicroelectronics M41T01 Datasheet HTML 19Page - STMicroelectronics M41T01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Clock operation
M41T01
16/24
DocID025389 Rev 2
Figure 10. Crystal accuracy across temperature
Figure 11. Clock calibration
3.2
Output driver pin
When the FT bit is set, the FT/OUT pin provides a nominal 512 Hz frequency output used
for calibration purposes (see Section 3.1).
When the FT bit is set to zero, the FT/OUT pin becomes an output driver that reflects the
contents of the OUT bit (D7 bit of register 7, see Table 2). If the OUT bit is zero, then the
FT/OUT pin will be driven low, if the OUT bit is one, then the FT/OUT pin will be driven high.
The OUT bit can be written through the 2-wire bus port.
Note:
The FT/OUT pin is open drain which requires an external pull-up resistor.
3.3
Initial power-on defaults
Upon initial application of power to the device, the FT bit will be set to a '0' and the OUT bit
will be set to a '1'. All other register bits will initially power on in a random state.
AI00999b
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
ΔF
= K x (T –T
O)
2
K = –0.036 ppm/
°C2 ± 0.006 ppm/°C2
TO = 25°C ± 5°C
F
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com