Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T01
Description  Automatic switchover and deselect circuitry
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T01 Datasheet HTML 13Page - STMicroelectronics M41T01 Datasheet HTML 14Page - STMicroelectronics M41T01 Datasheet HTML 15Page - STMicroelectronics M41T01 Datasheet HTML 16Page - STMicroelectronics M41T01 Datasheet HTML 17Page - STMicroelectronics M41T01 Datasheet HTML 18Page - STMicroelectronics M41T01 Datasheet HTML 19Page - STMicroelectronics M41T01 Datasheet HTML 20Page - STMicroelectronics M41T01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID025389 Rev 2
17/24
M41T01
Maximum rating
24
4
Maximum rating
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. .
Caution:
Negative undershoots below –0.3 V are not allowed on any pin while in the battery backup
mode.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Units
TA
Ambient operating temperature
–40 to 85
°C
TSTG(1)(2)
1. For SO package, standard (SnPb) lead finish: reflow at peak temperature of 225°C (the time above 220 °C
must not exceed 20 seconds)
2. For SO package, lead-free (Pb-free) lead finish: reflow at peak temperature of 260°C (the time above
255 °C must not exceed 30 seconds)
Storage temperature (VCC off, oscillator off)
–55 to 125
°C
VIO
Input or output voltages
–0.3 to 7
V
VCC
Supply voltage
–0.3 to 7
V
IO
Output current
20
mA
PD
Power dissipation
0.25
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com