Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41T01
Description  Automatic switchover and deselect circuitry
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41T01 Datasheet HTML 15Page - STMicroelectronics M41T01 Datasheet HTML 16Page - STMicroelectronics M41T01 Datasheet HTML 17Page - STMicroelectronics M41T01 Datasheet HTML 18Page - STMicroelectronics M41T01 Datasheet HTML 19Page - STMicroelectronics M41T01 Datasheet HTML 20Page - STMicroelectronics M41T01 Datasheet HTML 21Page - STMicroelectronics M41T01 Datasheet HTML 22Page - STMicroelectronics M41T01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DocID025389 Rev 2
19/24
M41T01
DC and AC parameters
24
1. Valid for Ambient Operating Temperature: TA = –40 to 85 °C; VCC = 2.0 to 5.5 V (except where noted).
2. STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
3. After switchover (VSO), VBAT(min) can be 2.0 V for crystal with RS = 40 k.
4. For rechargeable back-up, VBAT(max) may be considered VCC.
Table 6. DC characteristics
Symbol
Parameter
Test condition(1)
Min
Typ
Max
Unit
ILI
Input leakage current
0 V
 VIN  VCC
±1
μA
ILO
Output leakage current
0 V
 VOUT  VCC
±1
μA
ICC1
Supply current
Switch frequency = 100 kHz
300
μA
ICC2
Supply current (standby)
SCL, SDA = VCC – 0.3 V
70
μA
VIL
Input low voltage
–0.3
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC + 0.5
V
VOL
Output low voltage
IOL = 3 mA
0.4
V
Pull-up supply voltage
(open drain)
FT/OUT
5.5
V
VBAT(2)
Battery supply voltage
2.5(3)
3
3.5(4)
V
IBAT
Battery supply current
TA = 25 °C, VCC = 0 V,
Oscillator ON, VBAT = 3 V
0.8
1
μA
Table 7. Crystal electrical characteristics
Symbol
Parameter (1)(2)
Min
Typ
Max
Unit
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60
k
CL
Load capacitance
12.5
pF
1. These values are externally supplied. STMicroelectronics recommends the KDS DT-38: 1TA/1TC252E127, Tuning Fork
Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz crystal for industrial temperature operations.
2. Load capacitors are integrated within the M41T01. Circuit board layout considerations for the 32.768 kHz crystal of
minimum trace lengths and isolation from RF generating signals should be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com