Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S48SP Datasheet (PDF) - Delta Electronics, Inc.

S48SP Datasheet PDF - Delta Electronics, Inc.
Part # S48SP
Download  S48SP Download
File Size   448.82 Kbytes
Page   14 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description SMD and Through-hole versions

S48SP Datasheet (PDF)

Go To PDF Page Download Datasheet
S48SP Datasheet PDF - Delta Electronics, Inc.

Part # S48SP
Download  S48SP Click to download

File Size   448.82 Kbytes
Page   14 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description SMD and Through-hole versions

S48SP Datasheet (HTML) - Delta Electronics, Inc.


S48SP Product details

The Delphi Series S48SP, 1x1 Brick, 48V input, single output, isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. This product family is available in a surface mount or through-hole package and provides up to 35 watts of power or 10A of output current (3.3V and below) in a new 1x1 form factor (1.30”x0.96”x0.33”). The pinout is compatible with the industry standard 1x2 products. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. Typical efficiency of the 3.3V/10A module is better than 90%. All modules are fully protected from abnormal input/output voltage, current, and temperature conditions.



FEATURES

♦ High efficiency: 90% @ 3.3V/10A

♦ Industry standard 1x2 pinout

♦ Size: 33.0 x 24.4 x 8.55mm (1.30”x0.96”x0.34”)

♦ SMD and Through-hole versions

♦ Fixed frequency operation

♦ Input UVLO, OVP

♦ OTP and output OCP, OVP (default is auto-restart)

♦ Monotonic startup into normal and pre-biased loads

♦ 2250V isolation and basic insulation

♦ No minimum load required

♦ ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility

♦ UL/cUL 60950 (US & Canada) recognized



APPLICATIONS

♦ Optical Transport

♦ Data Networking

♦ Communications, including Wireless and traditional Telecom

♦ Servers



 




Similar Part No. - S48SP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP05007 DELTA-S48SP05007 Datasheet
449Kb / 14P
UL/cUL 60950 (US & Canada) recognized
S48SP05007EKFA DELTA-S48SP05007EKFA Datasheet
449Kb / 14P
Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP05007EKFB DELTA-S48SP05007EKFB Datasheet
449Kb / 14P
Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP05007EMFA DELTA-S48SP05007EMFA Datasheet
449Kb / 14P
Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP05007EMFB DELTA-S48SP05007EMFB Datasheet
449Kb / 14P
Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
More results


Similar Description - S48SP

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS6 POWER-ONE-IMS6 Datasheet
1Mb / 13P
6 Watt SMD and through hole DC/DC converters
logo
List of Unclassifed Man...
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
Through-hole or SMD
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
through-hole or SMD
logo
Ohmite Mfg. Co.
SHUNT-S OHMITE-SHUNT-S Datasheet
502Kb / 2P
60mv and 75mv versions
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
251Kb / 2P
Standard and long life versions
logo
Delta Electronics, Inc.
V48SH DELTA-V48SH Datasheet
798Kb / 14P
SMD and through-hole versions
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
SMD and through-hole versions
logo
ZF Friedrichshafen AG
CRE22F2BBALE ZFSWITCHES-CRE22F2BBALE Datasheet
246Kb / 2P
Lighted and non-lighted versions
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com