Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X76F100 Datasheet (PDF) - Xicor Inc.

X76F100 Datasheet PDF - Xicor Inc.
Part # X76F100
Download  X76F100 Download
File Size   275.85 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 1K 128 x 8 Bit

X76F100 Datasheet (PDF)

Go To PDF Page Download Datasheet
X76F100 Datasheet PDF - Xicor Inc.

Part # X76F100
Download  X76F100 Click to download

File Size   275.85 Kbytes
Page   16 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 1K 128 x 8 Bit

X76F100 Datasheet (HTML) - Xicor Inc.


X76F100 Product details

DESCRIPTION
The X76F100 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array. Access to the memory array can be controlled by two 64-bit passwords. These passwords protect read and write operations of the memory array.

FEATURES
• 64-bit password security
• One array (112-bytes) two passwords (16-bytes)
   —Read password
   —Write password
• Programmable passwords
• Retry counter register
   —Allows 8 tries before clearing of the array
• 32-bit response to reset (rst input)
• 8-byte sector Write Mode
• 1MHz clock rate
• 2-wire serial interface
• Low power CMOS
   —3.0 to 5.5V operation
   —Standby current less than 1µA
   —Active current less than 3 mA
• High reliability endurance:
   —100,000 write cycles
• Data retention: 100 years
• Available in:
   —8-lead PDIP, SOIC, MSOP, and smart car module




Similar Part No. - X76F100

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
Secure SerialFlash
logo
Xicor Inc.
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
Secure SerialFlash
More results


Similar Description - X76F100

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
128 x 8-BIT x 2 MAIL-BOX
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
1K x 8 PROM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
1K x 8-BIT STATIC RAM
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
1K x 8 PROM
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
Two-wire Serial EEPROM 1K (128 x 8)
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com