Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W215B Datasheet (PDF) - Cypress Semiconductor

W215B Datasheet PDF - Cypress Semiconductor
Part # W215B
Download  W215B Download
File Size   168.5 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Uses external 14.318-MHz crystal

W215B Datasheet (PDF)

Go To PDF Page Download Datasheet
W215B Datasheet PDF - Cypress Semiconductor

Part # W215B
Download  W215B Click to download

File Size   168.5 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description Uses external 14.318-MHz crystal

W215B Datasheet (HTML) - Cypress Semiconductor


W215B Product details

Features

• Generates system clocks for CPU, IOAPIC, SDRAM, PCI, USB plus 14.318 MHz (REF0:1)

• MODE input pin selects optional power management input control pins (reconfigures pins 26 and 27)

• Two fixed outputs separately selectable as 24-MHz or 48-MHz (default = 48-MHz)

• VDDQ3 = 3.3V±5%, VDDQ2 = 3.3V±5%

• Uses external 14.318-MHz crystal

• Available in 48-pin TSSOP (6.1-mm)

• 10Ω CPU output impedance




Similar Part No. - W215B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W215 ETC1-W215 Datasheet
100Kb / 2P
Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W215 WELWYN-W215 Datasheet
80Kb / 2P
Vitreous Enamelled Wirewound Resistors
W215 WELWYN-W215 Datasheet
1Mb / 3P
Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W215 TTELEC-W215 Datasheet
597Kb / 3P
Vitreous Enamelled Wirewound Resistors
06.18
W215 TTELEC-W215 Datasheet
590Kb / 3P
Vitreous Enamelled Wirewound Resistors
10.19
More results


Similar Description - W215B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2001 PHILIPS-PCK2001 Datasheet
80Kb / 13P
14.318-150 MHz I2C 1:18 Clock Buffer
1999 Jul 06
PCK2001M PHILIPS-PCK2001M Datasheet
79Kb / 13P
14.318-150 MHz I2C 1:10 Clock Buffer
1999 Jul 06
PCK2001R PHILIPS-PCK2001R Datasheet
76Kb / 12P
14.318 . 133 MHz I2C 1:6 clock buffer
2000 Jul 25
logo
Integrated Device Techn...
8V41N010 IDT-8V41N010 Datasheet
697Kb / 26P
Selectable external crystal or differential
8413S12 IDT-8413S12 Datasheet
739Kb / 33P
Selectable external crystal or differential
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
Uses standard 27MHz crystal
GS2985 GENNUM-GS2985 Datasheet
3Mb / 45P
Uses standard 27MHz crystal
logo
Silicon Laboratories
AN299 SILABS-AN299 Datasheet
1Mb / 4P
EXTERNAL 32.768 KHZ CRYSTAL OSCILLATOR
logo
ECS, Inc.
ECS-200-CDX-0914 ECS-ECS-200-CDX-0914 Datasheet
306Kb / 1P
20.000 MHz Crystal
logo
Maxim Integrated Produc...
MAX6620EVCMAXQU MAXIM-MAX6620EVCMAXQU Datasheet
667Kb / 11P
Uses Four External Low-Cost PNP Pass Transistors
Rev 0; 3/08
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com