Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8839ACP Datasheet (PDF) - Analog Devices

ADM8839ACP Datasheet PDF - Analog Devices
Part # ADM8839ACP
Download  ADM8839ACP Download
File Size   233.6 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Charge Pump Regulator for Color TFT Panels

ADM8839ACP Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM8839ACP Datasheet PDF - Analog Devices

Part # ADM8839ACP
Download  ADM8839ACP Click to download

File Size   233.6 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Charge Pump Regulator for Color TFT Panels

ADM8839ACP Datasheet (HTML) - Analog Devices


ADM8839ACP Product details

GENERAL DESCRIPTION
The ADM8839 is a charge pump regulator used for color thin film transistor (TFT) liquid crystal displays (LCDs). Using charge pump technology, the device can be used to generate three voltages (+5 V ± 2%, +15 V, −15 V) from a single 3 V supply. These voltages are then used to provide supplies for the LCD controller (5 V) and the gate drives for the transistors in the panel (+15 V and −15 V). Only a few external capacitors are needed for the charge pumps. An efficient low dropout (LDO) voltage regulator ensures that the power efficiency is high, and provides a low ripple 5 V output. This LDO can be shut down and an external LDO can be used to regulate the 5 V doubler output and drive the input to the charge pump section that generates the +15 V and −15 V outputs, if required by the user.

FEATURES
   3 voltages (+5 V, +15 V, −15 V) from a single 3 V supply
   Power efficiency optimized for use with TFT in mobile
      phones
   Low quiescent current
   Low shutdown current (<5 μA)
   Shutdown function
   Option to use external LDO

APPLICATIONS
   Hand-held instruments
   TFT LCD panels
   Cellular phones




Similar Part No. - ADM8839ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
Charge Pump Regulator for Color TFT Panels
REV. C
More results


Similar Description - ADM8839ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
Charge Pump Regulator for Color TFT Panel
4/04-Changed from Rev. 0 to Rev. A
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
Charge Pump Regulator & COM Driver for Color TFT Panel
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
Charge Pump Regulator for Color TFT Panel
10/03-Data Sheet changed from REV. A to REV. B.
logo
Rohm
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
logo
Analog Devices
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
Charge Pump Regulator for Color TFT Panels
REV. C
logo
E-CMOS Corporation
EC6585D E-CMOS-EC6585D Datasheet
469Kb / 7P
2 Channel Charge Pump Supply for TFT-LCD
EC6585 E-CMOS-EC6585 Datasheet
593Kb / 8P
2 Channel Charge Pump Supply for TFT-LCD
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com