Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8616 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
DS8616 Datasheet PDF - National Semiconductor (TI)
Part # DS8616
Download  DS8616 Download
File Size   95.42 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 130/225 MHz Low Power Dual Modulus Prescaler

DS8616 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS8616 Datasheet PDF - National Semiconductor (TI)

Part # DS8616
Download  DS8616 Click to download

File Size   95.42 Kbytes
Page   6 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 130/225 MHz Low Power Dual Modulus Prescaler

DS8616 Datasheet (HTML) - National Semiconductor (TI)


DS8616 Product details

General Description
The DS8615 series products are low power dual modulus
prescalers which divide by 32/33 and 40/41 respectively.
The modulus control (MC) input selects division by N when
at a high TTL level and division by N a 1 when at a low TTL
level. The clock inputs are buffered, providing 40/100
mVrms input sensitivity. The two outputs provide the user
the option to wire either a totem-pole or open-collector output structure. Additionally, the user can wire a resistor between the two output pins to minimize edge transition emissions. The outputs are designed to drive positive edge triggered PLLs. These products can be operated from either an
unregulated 5.5V to 13.5V source or regulated 5V g10%
source. Unregulated operation is obtained by connecting VS
to the source with VREG open. Regulated operation is obtained by connecting both VS and VREG to the supply
source.
The device can be used in phase-locked loop applications
such as FM radio or other communications bands to prescale the input frequency down to a more usable level. A
digital frequency display system can also be derived separately or in conjunction with a phase-locked loop, and it can
extend the useful range of many inexpensive frequency
counters to 225 MHz.

Features
- Input frequency: 130 MHz (-4); 225 MHz (-2)
- Low power: 10 mA (-4, -2)
- Input sensitivity: 100 mVrms (-4); 40 mVrms (-2)
- Pin compatible with Motorola MC12015-16 prescalers
- Unregulated/regulated power supply option




Similar Part No. - DS8616

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
DS8627N NSC-DS8627N Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
DS8628 NSC-DS8628 Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
DS8628N NSC-DS8628N Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
DS8629 NSC-DS8629 Datasheet
164Kb / 3P
120 MHz DIVIDE BY 100 PRESCALER
More results


Similar Description - DS8616

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8627 NSC-DS8627 Datasheet
92Kb / 4P
130/225 MHz Low Power Prescalers
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
Dual Modulus Prescaler
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
Dual Modulus Prescaler
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12015 MOTOROLA-MC12015 Datasheet
240Kb / 3P
Dual Modulus Prescaler
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
1.1 GHz Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
Dual Modulus Prescaler
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com