Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5500 Datasheet (PDF) - Linear Technology

LT5500 Datasheet PDF - Linear Technology
Part # LT5500
Download  LT5500 Download
File Size   194.9 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 800MHz to 1.5GHz Direct Conversion Quadrature Demodulator

LT5500 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT5500 Datasheet PDF - Linear Technology

Part # LT5500
Download  LT5500 Click to download

File Size   194.9 Kbytes
Page   12 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 800MHz to 1.5GHz Direct Conversion Quadrature Demodulator

LT5500 Datasheet (HTML) - Linear Technology




Similar Part No. - LT5500

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5500 LINER-LT5500 Datasheet
300Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
LT5500 LINER-LT5500 Datasheet
306Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
LT5500 LINER-LT5500 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
LT5500EGN LINER-LT5500EGN Datasheet
300Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
LT5500 LINER-LT5500_15 Datasheet
306Kb / 12P
1.8GHz to 2.7GHz Receiver Front End
More results


Similar Description - LT5500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8347 AD-AD8347 Datasheet
750Kb / 20P
0.8 GHz-2.7 GHz Direct Conversion Quadrature Demodulator
REV.0
logo
Linear Technology
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
logo
Analog Devices
AD8347 AD-AD8347_15 Datasheet
630Kb / 28P
0.8 GHz to 2.7 GHz Direct Conversion Quadrature Demodulator
REV. A
logo
Linear Technology
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5516 LINER-LT5516_15 Datasheet
205Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com