Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

224PR13 Datasheet (PDF) - Alpha Wire

224PR13 Datasheet PDF - Alpha Wire
Part # 224PR13
Download  224PR13 Download
File Size   199.12 Kbytes
Page   2 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Mini 7/8" Male Internal Threads 5 Pin Field Attachable

224PR13 Datasheet (PDF)

Go To PDF Page Download Datasheet
224PR13 Datasheet PDF - Alpha Wire

Part # 224PR13
Download  224PR13 Click to download

File Size   199.12 Kbytes
Page   2 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Mini 7/8" Male Internal Threads 5 Pin Field Attachable

224PR13 Datasheet (HTML) - Alpha Wire




Similar Part No. - 224PR13

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224PGM050M ILLINOISCAPACITOR-224PGM050M Datasheet
414Kb / 2P
105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
224PGM050M ILLINOISCAPACITOR-224PGM050M Datasheet
184Kb / 2P
105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
224PGM050M ILLINOISCAPACITOR-224PGM050M Datasheet
214Kb / 2P
7mm Height, General Purpose, 1000 hours
224PGM050M ILLINOISCAPACITOR-224PGM050M Datasheet
209Kb / 2P
Small size ??7mm Height
224PHB600K2G ILLINOISCAPACITOR-224PHB600K2G Datasheet
407Kb / 7P
Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
More results


Similar Description - 224PR13

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
220LR11-NC032 ALPHAWIRE-220LR11-NC032 Datasheet
173Kb / 2P
Mini 7/8 Male 4 Pin Field Attachable
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
218 ALPHAWIRE-218 Datasheet
168Kb / 2P
Mini 7/8" Female 5 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
Mini 7/8" Male 4 Pin Field Attachable
221 ALPHAWIRE-221 Datasheet
175Kb / 2P
Mini 7/8" Male 5 Pin Field Attachable
222 ALPHAWIRE-222 Datasheet
197Kb / 2P
Mini 7/8" Male Internal Threads 3 Pin Field Attachable
223 ALPHAWIRE-223 Datasheet
198Kb / 2P
Mini 7/8" Male Internal Threads 4 Pin Field Attachable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com