Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4961TIQT Datasheet (PDF) - STMicroelectronics

TS4961TIQT Datasheet PDF - STMicroelectronics
Part # TS4961TIQT
Download  TS4961TIQT Download
File Size   1372.45 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Mono class D audio power amplifier with dedicated analog switch

TS4961TIQT Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4961TIQT Datasheet PDF - STMicroelectronics

Part # TS4961TIQT
Download  TS4961TIQT Click to download

File Size   1372.45 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Mono class D audio power amplifier with dedicated analog switch

TS4961TIQT Datasheet (HTML) - STMicroelectronics


TS4961TIQT Product details

Description
The TS4961T is a smart combination of one mono class D audio power amplifier and a high-speed CMOS low-voltage dual power analog SPST. One of the key functions of this device is the switch mode of the various audio signals coming from the codec or baseband through the loudspeaker. It can drive up to 1.6 W into a 4 Ω load and 0.95 W into an 8 Ω load. It achieves an outstanding efficiency of up to 88% typical. The audio amplifying gain of the device can be controlled via two external gain-setting resistors. It is designed to operate from 2.4 to 4.3 V, making this device ideal for portable applications. QFN 16 3 x 3 mm TS4961TIQT pinout

Features
■ Wide operating voltage range from VCC = 2.4 V to 4.3 V
■ Audio amplifier standby mode active low
■ Output power: 1.6 W at 4.2 V or 0.75 W at 3.0 V into 4 Ω with 1% THD+N maximum
■ Output power: 0.95 W at 4.2 V or 0.45 W at 3.0 V into 8 Ω with 1% THD+N maximum
■ Adjustable gain via external resistors
■ Low current consumption 2 mA at 3 V
■ Efficiency: 88% typical
■ Signal-to-noise ratio: 85 dB typical
■ PSRR: 63 dB typical at 217 Hz with 6 dB gain
■ PWM base frequency: 250 kHz
■ Low pop and click noise
■ Dual Power SPST with separated control
■ Ultra-high off-isolation on analog switch: -80 dB typical from 20 Hz to 20 kHz

Applications
■ Cellular telephones
■ PDAs
■ Notebook PCs




Similar Part No. - TS4961TIQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962 Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
TS4962 STMICROELECTRONICS-TS4962 Datasheet
606Kb / 46P
2.8W filter-free mono class D audio power amplifier
10-Jan-2007
TS4962 STMICROELECTRONICS-TS4962 Datasheet
997Kb / 44P
2.8 W filter-free mono class D audio power amplifier
17-Mar-2020
TS4962EIJT STMICROELECTRONICS-TS4962EIJT Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
TS4962EKIJT STMICROELECTRONICS-TS4962EKIJT Datasheet
1Mb / 22P
3W Filter-free Class D Audio Power Amplifier
Feb-2005
More results


Similar Description - TS4961TIQT

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
3W Mono Class-D Audio Power Amplifier
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
2.8W Mono Class D Audio Power Amplifier with AGC
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Texas Instruments
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
Mono, Class D Audio Power Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
3.3W Mono Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
3W Mono Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295_V01 Datasheet
537Kb / 15P
Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier
19-1746; Rev 3; 3/05
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com