Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF-BM-6 Datasheet (PDF) - Mini-Circuits

NF-BM-6 Datasheet PDF - Mini-Circuits
Part # NF-BM-6
Download  NF-BM-6 Download
File Size   57.56 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators

NF-BM-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
NF-BM-6 Datasheet PDF - Mini-Circuits

Part # NF-BM-6
Download  NF-BM-6 Click to download

File Size   57.56 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators

NF-BM-6 Datasheet (HTML) - Mini-Circuits




Similar Part No. - NF-BM-6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-BM50 MINI-NF-BM50 Datasheet
222Kb / 1P
N-FEM to BNC-MALE
More results


Similar Description - NF-BM-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0058-S MACOM-CH20-0058-S Datasheet
18Kb / 1P
11 dB Directional Coupler 1500 - 2000 MHz
logo
Mini-Circuits
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
50OHM DC to 2 GHz
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
MAV-11A MINI-MAV-11A Datasheet
73Kb / 1P
MAV-11A Monolithic Amplifier 50OHM 50 to 2000 MHz
PDC-10-1 MINI-PDC-10-1 Datasheet
46Kb / 1P
6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
VAT-5 MINI-VAT-5 Datasheet
75Kb / 1P
SMA Fixed Attenuator (50ohm 1W 5dB DC to 6000 MHz)
BTRM-50 MINI-BTRM-50 Datasheet
110Kb / 1P
Termination BNC 50ohm DC to 2000 MHz
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
Legacy 10 MHz to 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com