Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERA-8SM Datasheet (PDF) - Mini-Circuits

ERA-8SM Datasheet PDF - Mini-Circuits
Part # ERA-8SM
Download  ERA-8SM Download
File Size   124.72 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Surface Mount Monolithic Amplifier

ERA-8SM Datasheet (PDF)

Go To PDF Page Download Datasheet
ERA-8SM Datasheet PDF - Mini-Circuits

Part # ERA-8SM
Download  ERA-8SM Click to download

File Size   124.72 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Surface Mount Monolithic Amplifier

ERA-8SM Datasheet (HTML) - Mini-Circuits


ERA-8SM Product details

features

low thermal resistance

miniature microwave amplifier

frequency range, DC to 8 GHz, usable to 10 GHz

up to 18.4 dBm typ. (16.5 dBm min) output power



absolute maximum ratings

operating temperature: -45°C to 85°C

storage temperature: -65° to 150°C




Similar Part No. - ERA-8SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ERA-8SM MINI-ERA-8SM Datasheet
79Kb / 2P
MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
More results


Similar Description - ERA-8SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ERA-4XSM MINI-ERA-4XSM Datasheet
184Kb / 4P
Surface Mount Monolithic Amplifier 50?? Broadband, DC to 4 GHz
GALI-19_29_39_49 MINI-GALI-19_29_39_49_59 Datasheet
98Kb / 2P
Surface Mount Monolithic Amplifiers
GALI-74 MINI-GALI-74 Datasheet
343Kb / 4P
Surface Mount Monolithic Amplifier 50?? High dynamic range, DC to 1 GHz
LEE-19_29_39_49 MINI-LEE-19_29_39_49_59 Datasheet
144Kb / 2P
Surface Mount Monolithic Amplifiers
MAR-8ASM MINI-MAR-8ASM Datasheet
642Kb / 4P
Surface Mount Monolithic Amplifier 50?? DC to 1000 MHz
logo
Raltron Electronics Cor...
F10 RALTRON-F10 Datasheet
27Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
F13 RALTRON-F13 Datasheet
30Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
Mini-Circuits
GVA-84+ MINI-GVA-84+ Datasheet
716Kb / 4P
Surface Mount Monolithic Amplifier
GALI5 MINI-GALI5 Datasheet
133Kb / 4P
Surface Mount Monolithic Amplifier
logo
M/A-COM Technology Solu...
C2084 MA-COM-C2084 Datasheet
122Kb / 3P
Ceramic Surface Mount Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com