Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAR-8ASM Datasheet (PDF) - Mini-Circuits

MAR-8ASM Datasheet PDF - Mini-Circuits
Part # MAR-8ASM
Download  MAR-8ASM Download
File Size   642.27 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Surface Mount Monolithic Amplifier 50?? DC to 1000 MHz

MAR-8ASM Datasheet (PDF)

Go To PDF Page Download Datasheet
MAR-8ASM Datasheet PDF - Mini-Circuits

Part # MAR-8ASM
Download  MAR-8ASM Click to download

File Size   642.27 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Surface Mount Monolithic Amplifier 50?? DC to 1000 MHz

MAR-8ASM Datasheet (HTML) - Mini-Circuits


MAR-8ASM Product details

Features
• exact footprint substitute** MAR-8SM and MSA-0886
• high gain, 31.5 dB at 100 MHz, reduces component count
• high power output, +12.5 dBm typ.
• low noise
• improved stability
• protection against power supply transients
• patent pending

Applications
• cellular
• PCN & instrumentation




Similar Part No. - MAR-8ASM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAR-8A MINI-MAR-8A Datasheet
61Kb / 1P
Monolithic Amplifier 50W, DC to 1000 MHz
More results


Similar Description - MAR-8ASM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAR-8A MINI-MAR-8A Datasheet
61Kb / 1P
Monolithic Amplifier 50W, DC to 1000 MHz
DBTC-9-4_4L MINI-DBTC-9-4_4L Datasheet
130Kb / 1P
Surface Mount Directional Couplers 50??5 to 1000 MHz
DBTC-12-4_4L MINI-DBTC-12-4_4L Datasheet
121Kb / 1P
Surface Mount Directional Couplers 50??5 to 1000 MHz
ERA-4XSM MINI-ERA-4XSM Datasheet
184Kb / 4P
Surface Mount Monolithic Amplifier 50?? Broadband, DC to 4 GHz
GALI-74 MINI-GALI-74 Datasheet
343Kb / 4P
Surface Mount Monolithic Amplifier 50?? High dynamic range, DC to 1 GHz
ZRL-2400LN MINI-ZRL-2400LN Datasheet
149Kb / 1P
Low Noise Amplifier 50??1000 to 2400 MHz
logo
Tyco Electronics
MAAMSS0041 MACOM-MAAMSS0041 Datasheet
159Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MACOM-MAAMSS0060 Datasheet
183Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
logo
TriQuint Semiconductor
ASMA-301 TRIQUINT-ASMA-301 Datasheet
306Kb / 3P
Thin Film Surface Mount Amplifier 1 to 1000 MHz
logo
Pasternack Enterprises,...
PE1517 PASTERNACK-PE1517 Datasheet
387Kb / 2P
Low Noise Amplifier 50 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com