Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAR-8A Datasheet (PDF) - Mini-Circuits

MAR-8A Datasheet PDF - Mini-Circuits
Part # MAR-8A
Download  MAR-8A Download
File Size   61.68 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifier 50W, DC to 1000 MHz

MAR-8A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAR-8A Datasheet PDF - Mini-Circuits

Part # MAR-8A
Download  MAR-8A Click to download

File Size   61.68 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifier 50W, DC to 1000 MHz

MAR-8A Datasheet (HTML) - Mini-Circuits


MAR-8A Product details

Features
• exact footprint substitute** MAR-8 and MSA-0885
• high gain, 31.5 dB at 100 MHz, reduces component count
• high power output, +12.5 dBm typ.
• low noise
• improved stability
• protection against power supply transients
• patent pending

Applications
• cellular
• PCN & instrumentation




Similar Part No. - MAR-8A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MAR-8ASM MINI-MAR-8ASM Datasheet
642Kb / 4P
Surface Mount Monolithic Amplifier 50?? DC to 1000 MHz
More results


Similar Description - MAR-8A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
A45-1 MACOM-A45-1 Datasheet
109Kb / 1P
1000 TO 4000 MHz CASCADABLE AMPLIFIER
A45 MACOM-A45 Datasheet
104Kb / 1P
1000 TO 4000 MHz CASCADABLE AMPLIFIER
A63 MACOM-A63 Datasheet
112Kb / 1P
5 TO 1000 MHz CASCADABLE AMPLIFIER
logo
Mini-Circuits
MAR-8ASM MINI-MAR-8ASM Datasheet
642Kb / 4P
Surface Mount Monolithic Amplifier 50?? DC to 1000 MHz
logo
Tyco Electronics
A11-2 MACOM-A11-2 Datasheet
354Kb / 2P
Cascadable Amplifier 5 to 1000 MHz
PA48 MACOM-PA48 Datasheet
411Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A45 MACOM-A45_1 Datasheet
381Kb / 2P
Cascadable Amplifier 1000 to 4000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com