Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTS503 Datasheet (PDF) - Artesyn Technologies

NTS503 Datasheet PDF - Artesyn Technologies
Part # NTS503
Download  NTS503 Download
File Size   929.76 Kbytes
Page   5 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Power fail and remote inhibit

NTS503 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTS503 Datasheet PDF - Artesyn Technologies

Part # NTS503
Download  NTS503 Click to download

File Size   929.76 Kbytes
Page   5 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Power fail and remote inhibit

NTS503 Datasheet (HTML) - Artesyn Technologies


NTS503 Product details

NTS500 Series 500 Watts



Total Power: 200 - 500 Watts

Input Voltage: 85 - 264 Vac

               120 - 300 Vdc

# of Outputs: Single



SPECIAL FEATURES

■ Active power factor correction

■ IEC EN61000-3-2 compliance

■ Remote sense

■ Power fail and remote inhibit

■ Single wire current sharing

■ Built-in EMI flter

■ Low output ripple

■ 5 V standby

■ 12 V fan output

■ Overvoltage protection

■ Overload protection

■ Thermal overload protection

■ DC power good

■ Built in OR-ing diode/FET

■ Optional fan cover (-CF suffx)

■ Optional end fan cover (-CEF suffx)

■ PM Bus compliant

■ RoHS compliant

■ Digital I2C interface

■ Two year warranty

■ POE isolation on NTS508



 




Similar Part No. - NTS503

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NTS503 EMERSON-NETWORKPOWER-NTS503 Datasheet
457Kb / 3P
Active power factor correction
NTS503 EMERSON-NETWORKPOWER-NTS503 Datasheet
696Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS503 ARTESYN-NTS503 Datasheet
929Kb / 5P
Active power factor correction
logo
Emerson Network Power
NTS503-M EMERSON-NETWORKPOWER-NTS503-M Datasheet
1Mb / 3P
Active power factor correction
NTS503-M EMERSON-NETWORKPOWER-NTS503-M Datasheet
680Kb / 3P
Active power factor correction
More results


Similar Description - NTS503

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4946 STMICROELECTRONICS-L4946 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4948 STMICROELECTRONICS-L4948 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
logo
Dallas Semiconductor
DS1632 DALLAS-DS1632 Datasheet
138Kb / 6P
PC Power-Fail and Reset Controller
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX7387 MAXIM-MAX7387_06 Datasheet
605Kb / 12P
System Monitoring Oscillator with Watchdog and Power Fail
19-3896; Rev 1; 1/06
logo
Power-One
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
STMicroelectronics
L6732C STMICROELECTRONICS-L6732C Datasheet
898Kb / 32P
Soft-start and inhibit
29-May-2006
logo
Artesyn Technologies
LPQ350 ARTESYN-LPQ350 Datasheet
1Mb / 4P
Power fail and remote inhibit
logo
Maxim Integrated Produc...
DS1632 MAXIM-DS1632 Datasheet
144Kb / 6P
PC Power-Fail and Reset Controller
060303
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com