Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4946 Datasheet (PDF) - STMicroelectronics

L4946 Datasheet PDF - STMicroelectronics
Part # L4946
Download  L4946 Download
File Size   88.96 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET

L4946 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4946 Datasheet PDF - STMicroelectronics

Part # L4946
Download  L4946 Click to download

File Size   88.96 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET

L4946 Datasheet (HTML) - STMicroelectronics


L4946 Product details

DESCRIPTION

The L4946 is a quad output low drop voltage regulator. The four outputs are a low drop 10V at 125mA (VO1), a 8V at 250mA (VO2), a 5V at 200mA (VO3) and a low drop 5V st-by line at 100mA (VO4).

The IC includes a monitoring circuit to warn if a low voltage or no voltage condition is occurring. VO1,2,3 are off during st-by mode.

The STCAP pin allows the battery voltage to decay slowly giving the µP time to store data. This IC is designed for supplying microcomputer controlled systems specially in automotive applications.



■ 4 OUTPUTS: 10V (125mA); 8V (250mA); 5V (200mA); 5V (100mA)

■ 10V AND 5V (100mA) OUTPUT ARE LOW DROP

■ 5V (100mA) ST-BY OUTPUT VOLTAGE

■ EARLY WARNING OUTPUT FOR SUPPLY UNDERVOLTAGE (LVW)

■ THERMAL SHUTDOWN AND CURRENT LIMITATION (FOLDBACK)

■ REVERSE BATTERY AND LOAD DUMP PROTECTION

■ INHIBIT (ON/OFF) AND RESET FUNCTIONS



 




Similar Part No. - L4946

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
More results


Similar Description - L4946

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
Jun-2000
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4948 STMICROELECTRONICS-L4948 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
Sep-1993
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
VOLTAGE REGULATOR WITH RESET OUTPUT
logo
STMicroelectronics
LHC4913 STMICROELECTRONICS-LHC4913 Datasheet
77Kb / 6P
3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
August 2002
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425 Datasheet
367Kb / 20P
LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425_15 Datasheet
291Kb / 20P
LIN Transceiver with Voltage Regulator and Reset Pin
May, 2015 ??Rev. 3
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
Very low-dropout voltage regulator with inhibit function
03-May-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com