Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4946 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4946
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4946 Datasheet(HTML) 6 Page - STMicroelectronics

  L4946 Datasheet HTML 1Page - STMicroelectronics L4946 Datasheet HTML 2Page - STMicroelectronics L4946 Datasheet HTML 3Page - STMicroelectronics L4946 Datasheet HTML 4Page - STMicroelectronics L4946 Datasheet HTML 5Page - STMicroelectronics L4946 Datasheet HTML 6Page - STMicroelectronics L4946 Datasheet HTML 7Page - STMicroelectronics L4946 Datasheet HTML 8Page - STMicroelectronics L4946 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FUNCTIONAL DESCRIPTION
The L4946 includes a monitoring circuit to warn
the microprocessor if a low voltage or no voltage
condition is occurring. Between 7V and 8V on the
STCAP pin, the LVW output will go low. This tells
the microprocessor to stop executing code and
save vital information. The reset output will go low
when V04 drops 0.15V below it’s typical reading.
A reset will occur between a minimum of 4.5 and
a maximum of 5V on V04. The reset output will go
low when V04 drops 0.15 below it’s typical value.
A reset will occur between a minimum of 4.5V
and a maximum of 5V on V04. When the V04
drops between 4.5 and 5V
the RESET output
goes low. It is very important that the RESET out-
put doesn’t go above 0.75V until the V04 output
has gone back above 4.75V (typical). The micro-
processor looks for a rising edge. So, any spike
will tell the microprocessor to start operating.
Once the STCAP line passes 7.5V (typical), the
LVW output will also return to high state.
TIMING DIAGRAM
Graphs of the Output Curves for VO1,2,3 and 4
5.0
5.0
7.5
7.5
150
µs
100
µs
150
µs100µs
L4946
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com