Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4946 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4946
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4946 Datasheet(HTML) 2 Page - STMicroelectronics

  L4946 Datasheet HTML 1Page - STMicroelectronics L4946 Datasheet HTML 2Page - STMicroelectronics L4946 Datasheet HTML 3Page - STMicroelectronics L4946 Datasheet HTML 4Page - STMicroelectronics L4946 Datasheet HTML 5Page - STMicroelectronics L4946 Datasheet HTML 6Page - STMicroelectronics L4946 Datasheet HTML 7Page - STMicroelectronics L4946 Datasheet HTML 8Page - STMicroelectronics L4946 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OPERATING CONDITION
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-13.5 to 26.5
V
IL
Load Current IO1
IO2
IO3
IO4
300
400
600
100
mA
mA
mA
mA
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
max
2
°C/W
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-35 to 60
V
VI
Input Voltage (ON/OFF)
0 to 5
V
VO
Output Voltage (LVW, Reset)
0 to 5
V
Tstg
Storage Temperature Range
-65 to 150
°C
Tj
Junction Temperature Range
max 150
°C
Load Dump (5ms rise, 115ms decay)
60
V
APPLICATION CIRCUIT
L4946
0.1uF
L4946
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com