Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOUIS-50 Datasheet (PDF) - Mini-Circuits

LOUIS-50 Datasheet PDF - Mini-Circuits
Part # LOUIS-50
Download  LOUIS-50 Download
File Size   121.69 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Termination DIN 50??DC to 2 GHz

LOUIS-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
LOUIS-50 Datasheet PDF - Mini-Circuits

Part # LOUIS-50
Download  LOUIS-50 Click to download

File Size   121.69 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Termination DIN 50??DC to 2 GHz

LOUIS-50 Datasheet (HTML) - Mini-Circuits


LOUIS-50 Product details

Features
• wideband coverage, DC to 2 GHz
• return loss, 33 dB typ. up to 1 GHz and 27 dB typ. up to 2 GHz

Applications
• cellular communications
• satellite communications
• test set-up




Similar Part No. - LOUIS-50

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LOU1035 LUXPIA-LOU1035 Datasheet
217Kb / 16P
Colorless transparency 3.5 횞 2.7 횞 1.8 mm(L횞W횞H) small size surface mount type
LOU3000 LUXPIA-LOU3000 Datasheet
196Kb / 6P
High Brightness LED Lamp
LOU3030 LUXPIA-LOU3030 Datasheet
109Kb / 6P
High Brightness LED Lamp
LOU4155 LUXPIA-LOU4155 Datasheet
96Kb / 6P
Ultra Brightness LED Lamp
LOU5000 LUXPIA-LOU5000 Datasheet
201Kb / 6P
Ultra Brightness LED Lamp
More results


Similar Description - LOUIS-50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
50OHM DC to 2 GHz
ANNE-50X MINI-ANNE-50X Datasheet
69Kb / 1P
Termination SMA 50??DC to 20 GHz
KARN-50 MINI-KARN-50 Datasheet
116Kb / 1P
Termination TYPE-N 50??DC to 8 GHz
KARN-50-18 MINI-KARN-50-18 Datasheet
114Kb / 1P
Termination N-Type 50??DC to 18 GHz
logo
Pasternack Enterprises,...
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6076 PASTERNACK-PE6076 Datasheet
87Kb / 1P
50 OHM N FEMALE,PRECISION TERMINATION WITH CHAIN FREQUENCY RANGE: DC TO 18 GHz
PE6166 PASTERNACK-PE6166 Datasheet
292Kb / 1P
SMA MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz
PE6167 PASTERNACK-PE6167 Datasheet
96Kb / 1P
N MALE HIGH POWER TERMINATION 50 WATTS: DC-4 GHz
logo
Mini-Circuits
K1-HAT MINI-K1-HAT Datasheet
283Kb / 1P
DC to 2 GHz
K2-HAT MINI-K2-HAT Datasheet
286Kb / 1P
DC to 2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com