Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS-18B Datasheet (PDF) - Mini-Circuits

MTS-18B Datasheet PDF - Mini-Circuits
Part # MTS-18B
Download  MTS-18B Download
File Size   102.25 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 15 Million cycles MTS-18B Transfer Switch DC to 18 GHz

MTS-18B Datasheet (PDF)

Go To PDF Page Download Datasheet
MTS-18B Datasheet PDF - Mini-Circuits

Part # MTS-18B
Download  MTS-18B Click to download

File Size   102.25 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 15 Million cycles MTS-18B Transfer Switch DC to 18 GHz

MTS-18B Datasheet (HTML) - Mini-Circuits


MTS-18B Product details

Features
• low insertion loss, 0.2 dB
• high isolation, 70 dB
• high power handling, 25W
• ultra reliable
• break-before-make configuration
• failsafe microwave transfer switch
• protected by U.S. Patent 6,650,210

Applications
• (ATE) automatic test equipment
• reliable "sleeptime" switching
• redundancy switching for microwave radio




Similar Part No. - MTS-18B

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
MTS-18-12B+ MINI-MTS-18-12B+ Datasheet
327Kb / 2P
Transfer Switch
MTS-18XL-B MINI-MTS-18XL-B Datasheet
308Kb / 2P
Transfer Switch
MTS-18XL-B+ MINI-MTS-18XL-B+ Datasheet
308Kb / 2P
Transfer Switch
More results


Similar Description - MTS-18B

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6118 PASTERNACK-PE71S6118 Datasheet
447Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6119 PASTERNACK-PE71S6119 Datasheet
495Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6120 PASTERNACK-PE71S6120 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6122 PASTERNACK-PE71S6122 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6123 PASTERNACK-PE71S6123 Datasheet
454Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6125 PASTERNACK-PE71S6125 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6166 PASTERNACK-PE71S6166 Datasheet
441Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6167 PASTERNACK-PE71S6167 Datasheet
445Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6168 PASTERNACK-PE71S6168 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com