Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS-18B Datasheet(PDF) 1 Page - Mini-Circuits

Part # MTS-18B
Description  15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MTS-18B Datasheet(HTML) 1 Page - Mini-Circuits

  MTS-18B Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
REV. E
M93813
MTS-18B
ED-8713
YB/RS
040810
CASE STYLE: DS810
Electrical Specifications
additional specifications
Operating Voltage Range
24V (nom) ±1V
Switching Time (typ.)
12ms
Operating Temperature
-15°C to +45°C
Life(Min.)
10 million cycles
Impedance
50 ohms
Nominal Weight
70 grams
A
B
CDE
F
G
1.97
1.02
.53
.800
.240
.19
.150
50.04 25.91 13.46 20.32
6.10
4.83
3.81
H
J
K
L
M
N
P
wt.
2.18 1.800
.800
.400
.380
.06
.38 grams
55.37 45.72 20.32 10.16
9.65
1.52
9.65
70
MTS-18B
Transfer Switch
DC to 18 GHz
15 Million cycles
NEW!
NEW
!
Features
• low insertion loss, 0.2 dB
• high isolation, 70 dB
• high power handling, 25W
• ultra reliable
• break-before-make configuration
• failsafe microwave transfer switch
• protected by U.S. Patent 6,650,210
Applications
• (ATE) automatic test equipment
• reliable "sleeptime" switching
• redundancy switching for microwave radio
*Power Ratings at ambient temperature 25°C, non-switching mode.
For other ambient temperatures see derating graph below.
tested at 0 dBm RF power
FREQ.
(GHz)
VSWR
(:1)
ISOLATION
(dB)
INSERTION LOSS
(dB)
RF POWER*
(W)
DC CURRENT
@+24V
(mA)
DC-1
0.10
0.15
100
85
1.05
1.10
50
DS810
249.95
1-8
0.10
0.25
90
75
1.15
1.20
175
215
50
8-12
0.20
0.36
86
70
1.15
1.25
38
12-18
0.25
0.45
76
60
1.15
1.30
25
CASE
STYLE
Typ. Max.
Typ. Min.
Typ. Max.
Typ. Max.
Max.
PRICE
$
Qty.
(1-9)
Outline Drawing
Outline Dimensions (
)
inch
mm
switching states
DE-ENERGIZED DC=0V
J1
J2
J3
J4
ENERGIZED DC=24V
J1
J2
J3
J4
Power Handling Capability
0
20
40
60
20
30
40
50
60
Ambient Temperature, C
F=1 GHz
F=4 GHZ
F=8 GHz
F=12 GHZ
F=18 GHz


Similar Part No. - MTS-18B

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
MTS-18-12B+ MINI-MTS-18-12B+ Datasheet
327Kb / 2P
Transfer Switch
MTS-18XL-B MINI-MTS-18XL-B Datasheet
308Kb / 2P
Transfer Switch
MTS-18XL-B+ MINI-MTS-18XL-B+ Datasheet
308Kb / 2P
Transfer Switch
More results

Similar Description - MTS-18B

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6118 PASTERNACK-PE71S6118 Datasheet
447Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6119 PASTERNACK-PE71S6119 Datasheet
495Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6120 PASTERNACK-PE71S6120 Datasheet
457Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6122 PASTERNACK-PE71S6122 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6123 PASTERNACK-PE71S6123 Datasheet
454Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6125 PASTERNACK-PE71S6125 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6166 PASTERNACK-PE71S6166 Datasheet
441Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6167 PASTERNACK-PE71S6167 Datasheet
445Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6168 PASTERNACK-PE71S6168 Datasheet
453Kb / 6P
Transfer Electromechanical Relay Switch DC to 12.4 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com