Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QCC-22 Datasheet (PDF) - Mini-Circuits

QCC-22 Datasheet PDF - Mini-Circuits
Part # QCC-22
Download  QCC-22 Download
File Size   110.6 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-90째 50??1500 to 2500 MHz

QCC-22 Datasheet (PDF)

Go To PDF Page Download Datasheet
QCC-22 Datasheet PDF - Mini-Circuits

Part # QCC-22
Download  QCC-22 Click to download

File Size   110.6 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-90째 50??1500 to 2500 MHz

QCC-22 Datasheet (HTML) - Mini-Circuits


QCC-22 Product details

Features
• low insertion loss, 0.4 dB typ.
• high isolation, 28 dB typ.
• LTCC construction
• excellent temperature stability
• small size, 0.15"X0.15"
• patent pending

Applications
• PCS
• defense
• space
• radar
• blue tooth
• WLAN




Similar Part No. - QCC-22

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCC-20 MINI-QCC-20 Datasheet
112Kb / 1P
Surface Mount Power Splitter/Combiner 2 Way-90째 50??1200 to 2200 MHz
logo
Qualwave Inc. All right...
QCC-2000-4000-K5-N-1 QUALWAVE-QCC-2000-4000-K5-N-1 Datasheet
152Kb / 1P
Coaxial Circulator
Rev 1.2
QCC-24250-33400-5-K-1 QUALWAVE-QCC-24250-33400-5-K-1 Datasheet
138Kb / 1P
Coaxial Circulator
Rev 1.1
QCC-26500-40000-5-K QUALWAVE-QCC-26500-40000-5-K Datasheet
139Kb / 1P
Coaxial Circulator
Rev 1.2
QCC-290-320-K8-7-1 QUALWAVE-QCC-290-320-K8-7-1 Datasheet
171Kb / 1P
Coaxial Circulator
Rev 1.1
More results


Similar Description - QCC-22

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCC-20 MINI-QCC-20 Datasheet
112Kb / 1P
Surface Mount Power Splitter/Combiner 2 Way-90째 50??1200 to 2200 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
SCA-4-15-75 MINI-SCA-4-15-75 Datasheet
132Kb / 1P
Power Splitter/Combiner 4 Way-0째 75??10 to 1500 MHz
ZAPD-2-252 MINI-ZAPD-2-252 Datasheet
166Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 5 to 2500 MHz
ZAPD-2-252-75 MINI-ZAPD-2-252-75 Datasheet
139Kb / 1P
Power Splitter/Combiner 2 Way-0 75廓 5 to 2500 MHz
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZFSC-2-5 MINI-ZFSC-2-5 Datasheet
99Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 1500 MHz
ZFSC-2-2500 MINI-ZFSC-2-2500 Datasheet
219Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 2500 MHz
ZN2PD-1900W MINI-ZN2PD-1900W Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1500 to 2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com