Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBTC-2-20 Datasheet (PDF) - Mini-Circuits

SBTC-2-20 Datasheet PDF - Mini-Circuits
Part # SBTC-2-20
Download  SBTC-2-20 Download
File Size   99.63 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz

SBTC-2-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBTC-2-20 Datasheet PDF - Mini-Circuits

Part # SBTC-2-20
Download  SBTC-2-20 Click to download

File Size   99.63 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz

SBTC-2-20 Datasheet (HTML) - Mini-Circuits




Similar Part No. - SBTC-2-20

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-20+ MINI-SBTC-2-20+ Datasheet
307Kb / 1P
POWER SPLITTER/COMBINERS
SBTC-2-20L+ MINI-SBTC-2-20L+ Datasheet
304Kb / 1P
POWER SPLITTER/COMBINERS
SBTC-2-20LX MINI-SBTC-2-20LX Datasheet
326Kb / 1P
Power Splitter/Combiner
SBTC-2-20LX+ MINI-SBTC-2-20LX+ Datasheet
326Kb / 1P
Power Splitter/Combiner
SBTC-2-20X MINI-SBTC-2-20X Datasheet
356Kb / 1P
Power Splitter/Combiner
More results


Similar Description - SBTC-2-20

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-10-75_75L MINI-SBTC-2-10-75_75L Datasheet
96Kb / 1P
Power Splitter/Combiners 2 Way-0째 75??10 to 1000 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-15-75_75L MINI-SBTC-2-15-75_75L Datasheet
96Kb / 1P
Surface Mount, Micro-Miniature Power Splitter/Combiners 2 Way-0째 75??500 to 1500 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
SCA-4-20 MINI-SCA-4-20 Datasheet
124Kb / 1P
Power Splitter/Combiner 4 Way-0째 50??1000 to 2000 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
logo
List of Unclassifed Man...
ZA4PD-2 ETC2-ZA4PD-2 Datasheet
169Kb / 1P
Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com