Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHP-SERIES Datasheet (PDF) - Mini-Circuits

VHP-SERIES Datasheet PDF - Mini-Circuits
Part # VHP-SERIES
Download  VHP-SERIES Download
File Size   245.08 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Ultra-Reliable High Pass Filters 1300 to 5500 MHz

VHP-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
VHP-SERIES Datasheet PDF - Mini-Circuits

Part # VHP-SERIES
Download  VHP-SERIES Click to download

File Size   245.08 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Ultra-Reliable High Pass Filters 1300 to 5500 MHz

VHP-SERIES Datasheet (HTML) - Mini-Circuits


VHP-SERIES Product details

Features
• rugged unibody construction
• pass band insertion loss, 1.0 dB typ.
• high power handling, up to 14W
• very low cost

Applications
• sub-harmonic rejection of VCO




Similar Part No. - VHP-SERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
VHP-3T500R00AB VISHAY-VHP-3T500R00AB Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
VHP-3T500R00BB VISHAY-VHP-3T500R00BB Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
VHP-3T500R00CB VISHAY-VHP-3T500R00CB Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
VHP-3T500R00DB VISHAY-VHP-3T500R00DB Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
More results


Similar Description - VHP-SERIES

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HFCN-1760 MINI-HFCN-1760 Datasheet
118Kb / 1P
Ceramic High Pass Filter 2100 to 5500 MHz
HFTC-9R5 MINI-HFTC-9R5 Datasheet
99Kb / 1P
Ceramic High Pass Filter 1300 to 3500 MHz
HFTC-19 MINI-HFTC-19 Datasheet
130Kb / 1P
Ceramic High Pass Filter 2300 to 5500 MHz
HFTC-39 MINI-HFTC-39 Datasheet
173Kb / 1P
Ceramic High Pass Filter 4500 to 5500 MHz
SCLF_SALF-SERIES MINI-SCLF_SALF-SERIES Datasheet
177Kb / 1P
Low Pass Filters 50??DC to 865 MHz
VHF-SERIES MINI-VHF-SERIES Datasheet
104Kb / 4P
High Pass Filters 850 to 7000 MHz
VLP-SERIES MINI-VLP-SERIES Datasheet
80Kb / 2P
Low Pass Filters DC to 5400 MHz
K2-HFCN MINI-K2-HFCN Datasheet
266Kb / 1P
HIGH PASS FILTERS
logo
TAI-SAW TECHNOLOGY CO.,...
TL0017A TAI-SAW-TL0017A Datasheet
364Kb / 6P
LTCC Filter Low Pass 2450 MHz ,High Pass 5500 MHz
logo
Analog Devices
ADMV8513 AD-ADMV8513 Datasheet
1Mb / 31P
520 MHz to 1300 MHz, Digitally Tunable, Band-Pass Filter
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com