Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX60-3011 Datasheet (PDF) - Mini-Circuits

ZX60-3011 Datasheet PDF - Mini-Circuits
Part # ZX60-3011
Download  ZX60-3011 Download
File Size   80.26 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Noise Amplifier 50??400 to 3000 MHz

ZX60-3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX60-3011 Datasheet PDF - Mini-Circuits

Part # ZX60-3011
Download  ZX60-3011 Click to download

File Size   80.26 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Low Noise Amplifier 50??400 to 3000 MHz

ZX60-3011 Datasheet (HTML) - Mini-Circuits




Similar Part No. - ZX60-3011

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-3018G MINI-ZX60-3018G Datasheet
197Kb / 2P
Connectorized Amplifier 50ohm, 20 MHz to 3 GHz
More results


Similar Description - ZX60-3011

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZRL-400 MINI-ZRL-400 Datasheet
184Kb / 1P
Low Noise Amplifier 50??150 to 400 MHz
logo
SIRENZA MICRODEVICES
SPF-5043Z SIRENZA-SPF-5043Z Datasheet
137Kb / 6P
400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
SPF-5122Z SIRENZA-SPF-5122Z Datasheet
141Kb / 6P
400-3000 MHz, GaAs pHEMT Low Noise MMIC Amplifier
logo
Analog Devices
ADL5523 AD-ADL5523_09 Datasheet
589Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. A
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403 Datasheet
312Kb / 5P
400-3000 MHz MMIC Amplifier
August 2010
ASX602 ASB-ASX602 Datasheet
1Mb / 14P
400-3000 MHz MMIC Amplifier
December 2010
logo
Analog Devices
ADL5523ACPZ AD-ADL5523ACPZ Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
ADL5523 AD-ADL5523_15 Datasheet
583Kb / 24P
400 MHz to 4000 MHz Low Noise Amplifier
REV. B
logo
Advanced Semiconductor ...
ASX403 ASB-ASX403_17 Datasheet
833Kb / 7P
400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
400 ~ 3000 MHz MMIC Amplifier
February 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com