Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1SA20V Datasheet (PDF) - Advanced Linear Devices

MB1SA20V Datasheet PDF - Advanced Linear Devices
Part # MB1SA20V
Download  MB1SA20V Download
File Size   75.16 Kbytes
Page   3 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description Single Board Precision DVM with direct PC Interface

MB1SA20V Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1SA20V Datasheet PDF - Advanced Linear Devices

Part # MB1SA20V
Download  MB1SA20V Click to download

File Size   75.16 Kbytes
Page   3 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description Single Board Precision DVM with direct PC Interface

MB1SA20V Datasheet (HTML) - Advanced Linear Devices


MB1SA20V Product details

The ALD MB1S is a precision +/-5½-digit Digital Voltmeter (DVM) printed circuit board that contains the ALD500R/ALD521D A/D Converter chipset that directly plugs into the parallel printer port of a PC computer. It features calibrated analog input (w/scalable input ranges), and digital circuitry to communicate with PC or other microprocessors. It is designed to be used as a stand-alone, embedded system component in a variety of applications including digital panel meters, customized instrumentation displays, temperature monitoring, high resolution DVM’s, weigh scales and others. Direct Full-scale analog input range is +/-2.00000V DC with a linearity of 0.005%. ALDs 18-bit plus sign integrating dual-slope analog processor (ALD500) functions as the input device and the ALD521D microprocessor IC implements the digital conversion, control mode and I/O functions.

Hardware and Software Features
● Directly plug into a PC parallel printer port and displays readings on the monitor.
● Measurement Range: +/-2.00000V DC direct input.
   (Other ranges are user configurable and scalable, using both hardware and software scaling)
● Self-powered from PC computer or external +5V DC power source
● All solid-state construction.
● 24-bit serial output. (23-bit plus sign bit)
● User selectable +/-3½ to +/-6½ digits.
● Differential analog inputs with auto-polarity and auto-zero.
● Simple to install and operate.
● Calibration for positive and/or negative inputs.
● Provision for input voltage scaling attenuator network.
● Smart Input Filtering (Sample Averaging) selection for noise reduction and accurate displays.
● Optional MS-DOS software for user operation, setup, and calibration is sold separately.

Key Specifications
MB1S (MB1SA2V)
● Direct Full Scale Analog Input Range: +/- 2.00000V DC
● Input Impedance: 1GΩ min, 100GΩ typical.
● Optional on-board input resistor divider network for wide input voltage ranges
● Resolution: +/- 1 digit, (+/-10µV) @ Vin = 1.00000V (16x input averaging)
● Overvoltage Protection: 20V DC
● Conversion Sample Rate: 3-samples/sec (from 1 sample/min. to 10 samples/sec.)
● No external power source necessary, draws power directly from the PC printer port
● Optional external Power Supply: +4.5 to +5.5V max @ 6mA max.
● Accuracy +/-0.01% (After 2 hour warm-up)
● Linearity +/-0.005% full-scale (23º C, +/-1º C).
● Logic Compatibility: CMOS inputs and outputs.

MB1SA20V
● Direct Full Scale Analog Input Range: +/-20.000V DC
● Input Impedance: 10MEGΩ nominal
● Optional on-board input resistor divider for wide input voltage ranges
● Resolution: +/-1 digit, (+/-100µV) @ Vin = 10.0000V (16x input averaging)
● Overvoltage Protection: 200V DC
● Conversion Sample Rate: 3-samples/sec (from 1 sample/min. to 10 samples/sec)
● No external power source necessary, draws power directly from the PC printer port
● Optional external Power Supply: +4.5 to +5.5V max @ 6mA max.
● Accuracy +/-0.02% (After 2 hour warm-up)
● Linearity +/-0.01% full-scale (23º C, +/-1º C).
● Logic Compatibility: CMOS inputs and outputs.




Similar Part No. - MB1SA20V

ManufacturerPart #DatasheetDescription
logo
RFE international
MB1SA RFE-MB1SA Datasheet
955Kb / 3P
Bridge Rectifiers, Surface Mount
08-MAR-2023
More results


Similar Description - MB1SA20V

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
Direct Interface with PIR Sensor
logo
HuaXinAn Electronics CO...
NT90T-C HUAXINAN-NT90T-C Datasheet
1Mb / 3P
PC board mounting and direct insert mounting available
NVF4-1A HUAXINAN-NVF4-1A Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-3A HUAXINAN-NVF4-3A Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-3U HUAXINAN-NVF4-3U Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
NVF4-4C HUAXINAN-NVF4-4C Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available.
NVF4-4U HUAXINAN-NVF4-4U Datasheet
1Mb / 1P
PC board mounting and direct insert mounting available
logo
Advanced Linear Devices
MB201A2V ALD-MB201A2V Datasheet
73Kb / 3P
Single Board Precision DVM with direct PC Interface
MB203A2V ALD-MB203A2V Datasheet
76Kb / 3P
Single Board Precision DVM with direct Character Display Module Driver
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
Direct interface with TTL levels
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com