Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST63E88 Datasheet (PDF) - STMicroelectronics

ST63E88 Datasheet PDF - STMicroelectronics
Part # ST63E88
Download  ST63E88 Download
File Size   718.45 Kbytes
Page   82 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING

ST63E88 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST63E88 Datasheet PDF - STMicroelectronics

Part # ST63E88
Download  ST63E88 Click to download

File Size   718.45 Kbytes
Page   82 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING

ST63E88 Datasheet (HTML) - STMicroelectronics


ST63E88 Product details

GENERAL DESCRIPTION

INTRODUCTION

The ST6380, ST6381, ST6382, ST6383, ST6388, ST6389 microcontrollers are members of the 8-bit HCMOS ST638x family, a series of devices specially oriented to TV applications. Different ROM size and peripheral configurations are available to give the maximum application and cost flexibility.



■ 4.5 to 6V supply operating range

■ 8MHz Maximum Clock Frequency

■ User Program ROM: up to 20140 bytes

■ Reserved Test ROM: up to 340 bytes

■ Data ROM: user selectable size

■ Data RAM: 256 bytes

■ Data EEPROM: 384 bytes

■ 42-Pin Shrink Dual in Line Plastic Package

■ Up to 22 software programmable general purpose Inputs/Outputs, including 2 direct LED driving Outputs

■ Two Timers each including an 8-bit counter with a 7-bit programmable prescaler

■ Digital Watchdog Function

■ Serial Peripheral Interface (SPI) supporting SBUS/ I 2 C BUS and standard serial protocols

■ SPI for external frequency synthesis tuning

■ 14-bit counter for voltage synthesis tuning

■ Up to Six 6-Bit PWM D/A Converters

■ One 8 bits D/A Converter with 7 analog inputs

■ Five interrupt vectors (IRIN/NMI, Timer 1 & 2, VSYNC, PWR /ADC)

■ On-chip clock oscillator

■ 8 Lines by 20 Characters On-Screen Display

   Generator with 192 Characters in one bank.

   14X18 OSD characters with rounding function.

■ All ROM types are supported by pin-to-pin EPROM and OTP versions with programmable OSD fonts.

■ The development tool of the ST6380, 81, 82, 83, 88 and ST6389 microcontrollers consists of the ST638X-EMU2 emulation and development system to be connected via a standard parallel line to an MS-DOS Personal Computer.



 




Similar Part No. - ST63E88

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST63E85D1 STMICROELECTRONICS-ST63E85D1 Datasheet
861Kb / 84P
8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
Rev. 2.2
ST63E87D1 STMICROELECTRONICS-ST63E87D1 Datasheet
861Kb / 84P
8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
Rev. 2.2
More results


Similar Description - ST63E88

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
STMicroelectronics
ST63140 STMICROELECTRONICS-ST63140 Datasheet
715Kb / 86P
8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
Oct-1993
ST6365 STMICROELECTRONICS-ST6365 Datasheet
861Kb / 84P
8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
Rev. 2.2
ST6391 STMICROELECTRONICS-ST6391 Datasheet
560Kb / 68P
8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
Oct-1993
STV5730 STMICROELECTRONICS-STV5730 Datasheet
332Kb / 19P
MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
Oct-1994
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
Color TV ON-Screen Display Interface
logo
NXP Semiconductors
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
logo
STMicroelectronics
ST63P06 STMICROELECTRONICS-ST63P06 Datasheet
329Kb / 7P
8-BIT HCMOS PIGGYBACK MCUs FOR TV APPLICATIONS
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com