Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5774 Datasheet (PDF) - Sanyo Semicon Device

2SC5774 Datasheet PDF - Sanyo Semicon Device
Part # 2SC5774
Download  2SC5774 Download
File Size   34.08 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 140V / 10A, AF70W Output Applications

2SC5774 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5774 Datasheet PDF - Sanyo Semicon Device

Part # 2SC5774
Download  2SC5774 Click to download

File Size   34.08 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 140V / 10A, AF70W Output Applications

2SC5774 Datasheet (HTML) - Sanyo Semicon Device


2SC5774 Product details


140V / 10A, AF70W Output Applications



Features

• Large current capacitance.

• Wide ASO and high durability against breakdown.

• Adoption of MBIT process.




Similar Part No. - 2SC5774

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5772 HITACHI-2SC5772 Datasheet
90Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
New Jersey Semi-Conduct...
2SC5772 NJSEMI-2SC5772 Datasheet
82Kb / 2P
Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
logo
Renesas Technology Corp
2SC5772FR-TL-E RENESAS-2SC5772FR-TL-E Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
More results


Similar Description - 2SC5774

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
140V/12A, AF 60W Output Applications??????
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
140V / 12A, AF 60W Output Applications
logo
Linear Technology
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
logo
Diodes Incorporated
FZT955 DIODES-FZT955_16 Datasheet
615Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR
Rev 6
logo
Sanyo Semicon Device
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
140V / 12A, AF 80W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
140V/12A AF 60W Output Applications
logo
TiMOTION Technology Co....
TC12 TIMOTION-TC12 Datasheet
1Mb / 8P
Max. output 24VDC, 10A
20230925-P
TC12AC TIMOTION-TC12AC Datasheet
1Mb / 7P
Max. output 24VDC, 10A
20210220-D
TC20 TIMOTION-TC20 Datasheet
260Kb / 3P
Max. output 24VDC, 10A
20191108-D
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com