Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-02-101 Datasheet (PDF) - Kemet Corporation

SC-02-101 Datasheet PDF - Kemet Corporation
Part # SC-02-101
Download  SC-02-101 Download
File Size   477.9 Kbytes
Page   6 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description SC Coils, Standard Type

SC-02-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-02-101 Datasheet PDF - Kemet Corporation

Part # SC-02-101
Download  SC-02-101 Click to download

File Size   477.9 Kbytes
Page   6 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description SC Coils, Standard Type

SC-02-101 Datasheet (HTML) - Kemet Corporation


SC-02-101 Product details

Overview
The KEMET SC coils are common mode chokes with a wide variety of characteristics. These toroidal coils are designed with our proprietary ferrite cores and are useful in various noise countermeasure fields.

Benefits
• Proprietary 5H, 7H and 10H ferrite material and equivalents
• Suitable for ≥ 150 kHz range
• Wide variety of sizes and specifications
• Operating temperature range from −25°C to +105°C or +120°C
• UL 94 V–2 or V–0 flame retardant rated cap

Applications
• Audio-visual equipment
• Home appliances
• Power supplies




Similar Part No. - SC-02-101

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-02-101 KEMET-SC-02-101 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
SC-02-101 KEMET-SC-02-101_V01 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
More results


Similar Description - SC-02-101

ManufacturerPart #DatasheetDescription
logo
LEM
SC-01-E150G LEM-SC-01-E150G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
SC Coils, SC-G/GS Small Type
SC-10-20J KEMET-SC-10-20J Datasheet
412Kb / 5P
SC Coils, SC-J Terminal Base Type
SC-02-30GJ KEMET-SC-02-30GJ Datasheet
398Kb / 5P
SC Coils, SC-GJ Terminal Base Type
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
SC Coils, SC-JS Terminal Base Type
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
SC Coils, SC-JV Terminal Base Type
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
SC Coils, SC-JH Terminal Base Type
SC-10-D050 KEMET-SC-10-D050 Datasheet
423Kb / 4P
SC Coils, SC-D High Frequency Type
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
Common Mode SC Coils, SC-G/GS Series, Small Type
SC-02-101 KEMET-SC-02-101_V01 Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com