Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-02-101 Datasheet(PDF) 2 Page - Kemet Corporation

Part # SC-02-101
Description  SC Coils, Standard Type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-02-101 Datasheet(HTML) 2 Page - Kemet Corporation

  SC-02-101 Datasheet HTML 1Page - Kemet Corporation SC-02-101 Datasheet HTML 2Page - Kemet Corporation SC-02-101 Datasheet HTML 3Page - Kemet Corporation SC-02-101 Datasheet HTML 4Page - Kemet Corporation SC-02-101 Datasheet HTML 5Page - Kemet Corporation SC-02-101 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0005_SC • 6/16/2014
AC Line Filters – SC Coils, Standard Type
Dimensions – Millimeters
Vertical Type (≤ 5 A)
T
OD
(a)
2
4
3
1
OD
13 42
T
1
2
3
4
(a)
15 ±2.0
Mounting Pitch
T
OD
(a)
2
4
3
1
OD
13 42
T
1
2
3
4
(a)
15 ±2.0
Environmental Compliance
All KEMET AC Line Filters are RoHS Compliant.
Horizontal Type (≥ 10 A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com