Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8766 Datasheet (PDF) - Cirrus Logic

WM8766 Datasheet PDF - Cirrus Logic
Part # WM8766
Download  WM8766 Download
File Size   375.15 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-bit, 192kHz 6-Channel DAC

WM8766 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8766 Datasheet PDF - Cirrus Logic

Part # WM8766
Download  WM8766 Click to download

File Size   375.15 Kbytes
Page   36 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-bit, 192kHz 6-Channel DAC

WM8766 Datasheet (HTML) - Cirrus Logic


WM8766 Product details

DESCRIPTION
The WM8766 is a multi-channel audio DAC ideal for DVD and surround sound processing applications for home hi-fi, automotive and other audio visual equipment.
Three stereo 24-bit multi-bit sigma delta DACs are used with oversampling digital interpolation filters. Digital audio input word lengths from 16-32 bits and sampling rates from 8kHz to 192kHz are supported. Each DAC channel has independent digital volume and mute control.

FEATURES
• 6-Channel DAC
• Audio Performance
    − 103dB SNR (‘A’ weighted @ 48kHz) DAC
• DAC Sampling Frequency: 8kHz – 192kHz
• 3-Wire SPI Serial or Hardware Control Interface
• Programmable Audio Data Interface Modes
    − I2S, Left, Right Justified or DSP
    − 16/20/24/32 bit Word Lengths
• Three Independent stereo DAC outputs with independent digital volume controls
• Master or Slave Audio Data Interface
• 2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
• 28 lead SSOP Package

APPLICATIONS
• DVD Players
• Surround Sound AV Processors and Hi-Fi systems
• Automotive Audio




Similar Part No. - WM8766

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
WM8766 WOLFSON-WM8766 Datasheet
380Kb / 36P
24-bit, 192kHz 6-Channel DAC
WM8766EDS WOLFSON-WM8766EDS Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
WM8766EDSRV WOLFSON-WM8766EDSRV Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
WM8766EDV WOLFSON-WM8766EDV Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
More results


Similar Description - WM8766

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
logo
List of Unclassifed Man...
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
6-Channel Audio DAC, 24-bit, 192kHz
logo
Wolfson Microelectronic...
WM8522 WOLFSON-WM8522 Datasheet
407Kb / 39P
24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
24-bit, 192kHz 6-Channel DAC with Volume Control
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
24-bit, 192kHz 6-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
3.3V 192kHz 24-Bit 6-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Cirrus Logic
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com