Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768 Datasheet (PDF) - Wolfson Microelectronics plc

WM8768 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8768
Download  WM8768 Download
File Size   393.1 Kbytes
Page   38 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz 8-Channel DAC

WM8768 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8768 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8768
Download  WM8768 Click to download

File Size   393.1 Kbytes
Page   38 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit, 192kHz 8-Channel DAC

WM8768 Datasheet (HTML) - Wolfson Microelectronics plc


WM8768 Product details

DESCRIPTION
The WM8768 is a multi-channel audio DAC ideal for DVD and surround sound processing applications for home hi-fi, automotive and other audio visual equipment.
Four stereo 24-bit multi-bit sigma delta DACs are used with oversampling digital interpolation filters. Digital audio input word lengths from 16-32 bits and sampling rates from 8kHz to 192kHz are supported. Each DAC channel has independent digital volume and mute control.

FEATURES
• 8-Channel DAC with PCM.
• Audio Performance
    − 103dB SNR (‘A’ weighted @ 48kHz) DAC
• DAC Sampling Frequency: 8kHz – 192kHz
• 3-Wire SPI Serial or Hardware Control Interface
• Programmable Audio Data Interface Modes
    − I2S, Left, Right Justified or DSP
    − 16/20/24/32 bit Word Lengths
• Four Independent stereo DAC outputs with independent digital volume controls
• Master or Slave Audio Data Interface
• 2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply Operation
• 28 pin SSOP Package

APPLICATIONS
• DVD Players
• Surround Sound AV Processors and Hi-Fi systems
• Automotive Audio




Similar Part No. - WM8768

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768GEDS/RV WOLFSON-WM8768GEDS/RV Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8768GEDS/V WOLFSON-WM8768GEDS/V Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
More results


Similar Description - WM8768

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
WM8766 WOLFSON-WM8766 Datasheet
332Kb / 32P
24 BIT 192KHZ 6 CHANNEL DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
24-bit, 192kHz 6-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
3.3V 192kHz 24-Bit 6-Channel DAC
AK4348 AKM-AK4348 Datasheet
377Kb / 31P
3.3V 192kHz 24-Bit 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
24-bit, 192kHz 6-Channel DAC
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
24-bit, 192kHz 8-Channel DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com