Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8768 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.1 March 2005
6
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
2.7
3.6
V
Analogue reference supply
VREFP
2.7
5.5
V
Analogue supply range
AVDD
2.7
5.5
V
Ground
AGND, VREFN, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Note: Digital supply DVDD must never be more than 0.3V greater than AVDD for normal operation of the device.
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs, unless
otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DVDD
V
Input HIGH level
VIH
0.7 x DVDD
V
Output LOW
VOL
IOL=1mA
0.1 x DVDD
V
Output HIGH
VOH
IOH= -1mA
0.9 x DVDD
V
Analogue Reference Levels
Reference voltage
VVMID
VREFP/2
V
Potential divider resistance
RVMID
VREFP to VMID and
VMID to VREFN
100
k
Ω
DAC Performance (Load = 10k
Ω
Ω
Ω
Ω, 50pF)
0dBFs Full scale output voltage
1.0 x
VREFP/5
Vrms
SNR (Note 1,2,4)
A-weighted,
@ fs = 48kHz
95
103
dB
SNR (Note 1,2,4)
A-weighted
@ fs = 96kHz
101
dB
SNR (Note 1,2,4)
A-weighted
@ fs = 192kHz
101
dB
SNR (Note 1,2,4)
A-weighted
@ fs = 48kHz, AVDD =
3.3V
101
dB
SNR (Note 1,2,4)
A-weighted
@ fs = 96kHz, AVDD =
3.3V
96
dB
Dynamic Range (Note 2,4)
DNR
A-weighted, -60dB full
scale input
95
103
dB
Total Harmonic Distortion (THD)
(Note 4)
1kHz, 0dBFs
-90
-83
dB
Mute Attenuation
1kHz Input, 0dB gain
100
dB
DAC channel separation
100
dB
1kHz 100mVpp
50
dB
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz
100mVp-p
45
dB
Supply Current
Analogue supply current
AVDD = 5V
18.4
mA
Digital Supply Current
DVDD = 3.3V
14.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com