Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8768 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.1 March 2005
18
RIGHT JUSTIFIED MODE
In right justified mode, the LSB of DIN1/2/3/4 is sampled by the WM8768 on the rising edge of BCLK
preceding a LRCLK transition. LRCLK are high during the left samples and low during the right
samples (Figure 14).
Figure 14 Right Justified Mode Timing Diagram
I2S MODE
In I
2S mode, the MSB of DIN1/2/3/4 is sampled by the WM8768 on the second rising edge of BCLK
following a LRCLK transition. LRCLK are low during the left samples and high during the right
samples.
Figure 15 I
2S Mode Timing Diagram
DSP MODE A
In DSP mode A, the MSB of DAC channel 1 left data is sampled by the WM8768 on the second
rising edge on BCLK following a LRCLK rising edge. DAC channel 1 right and DAC channels 2/3/4
data follow DAC channel 1 left data (Figure 16).
Figure 16 DSP Mode A Timing Diagram – DAC data input
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN1/2/3/4
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN1/2/3/4
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCKIN
1 BCKIN
1 BCKIN
LRCIN
BCKIN
DIN1
Input Word Length (IWL)
1/fs
CHANNEL 1
LEFT
n
2
1
n-1
LSB
MSB
n
2
1
n-1
CHANNEL 1
RIGHT
2
1
CHANNEL 2
LEFT
n
n-1
CHANNEL 4
RIGHT
NO VALID DATA
1 BCKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com