Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8768 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.1 March 2005
24
SOFTWARE MUTE MODES
The WM8768 can be muted in a number of different ways when in software mode (MODE pin pulled
low). Refer to Figure 20 which shows a representation of the interaction between functions described
below.
Figure 20 Internal Mute Logic
1024
Zeros
Detect
DZFM
selector
zflag1
zflag2
zflag3
MUTE
(pin)
10kOhm
Channel1
Softmute
Channel2
Softmute
Channel3
Softmute
MUTE
(register)
decode
IZD
MPD
DMUTE4,
DMUTE(2:0)
DIN2
DIN3
DIN4
Channel1
Analogue
Mute
Channel2
Analogue
Mute
Channel3
Analogue
Mute
MUTEALL
DIN1
zflag4
Channel3
Analogue
Mute
Channel4
Softmute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com